Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP165ACBZ-1.8-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP165ACBZ-1.8-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-1.8-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP165ACBZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADP165/ADP166
Data Sheet
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
UNDERVOLTAGE LOCKOUT (UVLO)
Input Voltage Rising
UVLORISE
2.19
V
Input Voltage Falling
UVLOFALL
1.60
V
Hysteresis
UVLOHYS
85
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
105
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.5 V
100
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 1.2 V
80
µV rms
POWER SUPPLY REJECTION RATIO
PSRR
100 Hz, VIN = 5 V, VOUT = 3.3 V
60
dB
100 Hz, VIN = 5 V, VOUT = 2.5 V
65
dB
100 Hz, VIN = 5 V, VOUT = 1.2 V
72
dB
1 kHz, VIN = 5 V, VOUT = 3.3 V
50
dB
1 kHz, VIN = 5 V, VOUT = 2.5 V
50
dB
1 kHz, VIN = 5 V, VOUT = 1.2 V
62
dB
1
Accuracy when VOUT is connected directly to ADJ. When the VOUT voltage is set by the external feedback resistors, the absolute accuracy in adjust mode depends on
the tolerances of the resistors used.
2
Based on an endpoint calculation using 0 μA and 150 mA loads.
3
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.2 V.
4
Start-up time is defined as the time between the rising edge of EN to VOUT being at 90% of its nominal value.
5
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
RECOMMENDED SPECIFICATIONS: INPUT AND OUTPUT CAPACITORS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT AND OUTPUT CAPACITOR
Minimum Input and Output Capacitance1
CIN; COUT
CIN and COUT tolerance = ±30%, TA = −40°C to +125°C
0.7
1
µF
Capacitor Effective Series Resistance (ESR)
RESR
TA = −40°C to +125°C
0.001
0.2
Ω
1
The minimum input and output capacitance must be greater than 0.7 µF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
however, Y5V and Z5U capacitors are not recommended for use with any LDO.
Rev. A | Page 4 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com