Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP165ACBZ-1.8-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP165ACBZ-1.8-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-1.8-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP165ACBZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP165ACBZ-1.8-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADP165/ADP166
Data Sheet
Therefore, the capacitor chosen in this example meets
the minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP165/ADP166, it is
imperative that the effects of dc bias, temperature, and tolerances
on the behavior of the capacitors are evaluated for each.
ENABLE FEATURE
The ADP165/ADP166 use the EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 39, when a rising voltage on EN crosses the active threshold,
VOUT turns on. When a falling voltage on EN crosses the
inactive threshold, VOUT turns off.
4.5
3.5
2.5
4.0
3.0
2.0
1.5
0.5
1.0
0
0.5
0.7
0.9
1.1
1.3
1.5
EN VOLTAGE (V)
Figure 39. Typical EN Pin Operation
As shown in Figure 39, the EN pin has hysteresis built in, which
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 40 shows typical EN active/inactive thresholds
when the input voltage varies from 2.2 V to 5.5 V.
1.1
1.0
0.9
0.8
0.7
0.6
0.5
2.0
2.5
3.0
3.5
EN RISE
EN FALL
4.0
4.5
5.0
INPUT VOLTAGE (V)
Figure 40. Typical EN Pin Thresholds vs. Input Voltage
The start-up behavior of the ADP165/ADP166 is shown in
Figure 41.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
4500
4000
3500
3000
2500
2000
1500
1000
500
1.2V
2.5V
3.3V
TIME (µs)
EN
Figure 41. Typical Start-Up Behavior
The shutdown behavior of the ADP165/ADP166 is shown in
Figure 42.
4.5
3.5
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1000
800
600
400
200
1.2V
4.2V
TIME (µs)
EN
COUT = 1µF
Figure 42. Typical Shutdown Behavior, No Load
UNDERVOLTAGE LOCKOUT (UVLO)
The ADP165/ADP166 also incorporates an internal UVLO circuit
to disable the output voltage when the input voltage is less than the
minimum input voltage rating of the regulator.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP165/ADP166 are protected against damage due to
excessive power dissipation by short-circuit and thermal overload
protection circuits. The ADP165/ADP166 are designed to limit
current when the output load reaches 320 mA (typical). When
the output load exceeds 320 mA, the output voltage is reduced
to maintain a constant current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C (typical). Under
extreme conditions (that is, high ambient temperature and
power dissipation), when the junction temperature starts to rise
above 150°C, the output turns off, reducing the output current
to zero. When the junction temperature drops below 135°C, the
output turns on again, and the output current is restored to its
nominal value.
Rev. A | Page 16 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com