Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF05 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF05
Description  5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF05 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REF05 Datasheet HTML 1Page - Burr-Brown (TI) REF05 Datasheet HTML 2Page - Burr-Brown (TI) REF05 Datasheet HTML 3Page - Burr-Brown (TI) REF05 Datasheet HTML 4Page - Burr-Brown (TI) REF05 Datasheet HTML 5Page - Burr-Brown (TI) REF05 Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
REF05
Input Voltage ...................................................................................... +40V
Operating Temperature
M .................................................................................. –55
°C to +125°C
Storage Temperature Range
M .................................................................................. –65
°C to +150°C
Output Short Circuit Duration (to Ground or V
IN) ....................... Indefinite
Junction Temperature ..................................................... –65
°C to +150°C
θ
JA M ......................................................................................... 150°C/W
Lead Temperature (soldering, 60s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATIONS
Top View
PACKAGE INFORMATION(1)
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
REF05RM
Metal TO-99
001
REF05SM
Metal TO-99
001
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
MAX DRIFT
MODEL
V
OUT AT 25°C
(ppm/
°C)
TEMPERATURE
PACKAGE
REF05RM
5V
±15mV
±15
–55
°C to +125°C
Metal TO-99
REF05SM
5V
±10mV
±8.5
–55
°C to +125°C
Metal TO-99
ORDERING INFORMATION
PONY TAIL DRIFT PLOT
100
80
60
40
20
0
–20
–40
–60
–80
–100
0
20
40
60
80
100
120
140
160
180
Time (Days)
Long Time Drift Plot of 30 Randomly Selected REF05s
8
4
26
1
35
7
NC
V
OUT
V+
GND
(Case)
NC
Trim
Temp
NC
M Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com