Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF05 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF05
Description  5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF05 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF05 Datasheet HTML 1Page - Burr-Brown (TI) REF05 Datasheet HTML 2Page - Burr-Brown (TI) REF05 Datasheet HTML 3Page - Burr-Brown (TI) REF05 Datasheet HTML 4Page - Burr-Brown (TI) REF05 Datasheet HTML 5Page - Burr-Brown (TI) REF05 Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
REF05
+5V Precision
VOLTAGE REFERENCE
(Guaranteed Long-Term Stability)
APPLICATIONS
q PRECISION REGULATORS
q CONSTANT CURRENT SOURCE/SINK
q DIGITAL VOLTMETERS
q A/D AND D/A CONVERTERS
q PRECISION CALIBRATION STANDARD
q TEST EQUIPMENT
DESCRIPTION
The REF05 is a precision 5V voltage reference. The
drift is laser trimmed to 8.5ppm/
°C max over the
extended industrial and military temperature range.
The REF05 provides a stable 5V output that can be
externally adjusted over a
±6% range with minimal
effect on temperature stability. REF05 operates from a
single supply with an input range of 8V to 40V with a
very low current drain of 1mA, and excellent tempera-
ture stability due to an improved design. Excellent line
and load regulation, low noise, low power, and low
cost make the REF05 the best choice whenever a 5V
voltage reference is required. The REF05 is an ideal
choice for portable instrumentation, temperature trans-
ducers, A/D and D/A converters, and digital voltmeter.
LONG TERM DRIFT OF THE AVERAGE OF 30 DEVICES
0
Time (Days)
20
40
60
80
100
120
140
160
180
100
80
60
40
20
0
–20
–40
–60
–80
–100
FEATURES
q OUTPUT VOLTAGE: +5V
±0.1% max
q GUARANTEED LONG-TERM STABILITY:
25ppm/1000 hrs max
q EXCELLENT TEMPERATURE STABILITY:
8.5ppm/
°C max (–55°C to +125°C)
q LOW NOISE: 10
µVp-p typ (0.1Hz to 10Hz)
q EXCELLENT LINE REGULATION:
0.008%/V max
q EXCELLENT LOAD REGULATION:
0.005%/mA max
q LOW SUPPLY CURRENT: 1.4mA max
q SHORT-CIRCUIT PROTECTED
q WIDE SUPPLY RANGE: 8VDC to 40VDC
q HIGH LOAD DRIVING CAPACITY: 20mA
q PACKAGE: Hermetic TO-99
©1993 Burr-Brown Corporation
PDS-1178A
Printed in U.S.A. December, 1993


Similar Part No. - REF05

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
REF0511101M010 AVX-REF0511101M010 Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF0511101M016 AVX-REF0511101M016 Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF0511101M025 AVX-REF0511101M025 Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF0511151M006 AVX-REF0511151M006 Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF0511470M025 AVX-REF0511470M025 Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results

Similar Description - REF05

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
Excellent long term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
Excellent long term stability
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
Excellent long-term stability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com