Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20NET2LX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20NET2LX
Description  1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20NET2LX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH20NET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20NET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20NET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20NET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
installations, including firmware update checks and backup and restoration of device configurationsIP-
based Auto Probe detects lost connectivity and restores service autonomously
Broad Communications CompatibilitySupports IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2,
SNMPv3, telnet, SSH, FTP, DHCP and NTPSupports automatic and manual assignment of IP address
Essential Safety FeaturesTiered access allows administrator and guest to log in via web
browserImmediate alert notifications via email or SNMP trapsSupports user-specified alarm notification
thresholdsReal-time clock backup maintains day/date even if PDU is unpowered
Flexible Mounting OptionsIncluded rack-mounting brackets compatible with front- or rear-facing
installationCompatible with 1U horizontal, 0U vertical, wall and under-counter mounting with included
brackets and user-supplied screws
TAA-CompliantCompliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
OVERVIEW
UPC Code
037332203281
PDU Type
Switched
INPUT
PDU Input Voltage
120
Recommended Electrical Service
Single-phase 20A 120V service
Maximum Input Amps
16
Maximum Input Amps Details
Agency de-rated to 16A continuous
PDU Plug Type
NEMA 5-20P; NEMA L5-20P
Input Phase
Single-Phase
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
OUTPUT
Output Capacity Details
1.92kW (120V) / 16A total capacity; 16A max per outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(8) 5-15/20R
Output Nominal Voltage
120V
Customized Load Management
Receptacles
8 individually switched output receptacles
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com