Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20NET2LX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20NET2LX
Description  1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20NET2LX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH20NET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20NET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20NET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20NET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.9kW Single-Phase Switched PDU, LX Interface,
120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P
input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
MODEL NUMBER: PDUMH20NET2LX
1.9kW 1U PDU distributes, monitors and manages AC power in an IT environment. Built-in Java-free
network interface helps you remotely monitor load levels to prevent overloads that cause downtime.
Description
The PDUMH20NET2LX 1.9kW Single-Phase Switched PDU provides advanced network control and
remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet. By
reducing the frequency of on-site visits, these advanced remote capabilities can save you money and
reduce downtime.
The 1U PDU features eight switched NEMA 5-15/20R outlets with an included cord retention bracket to
prevent cables from becoming accidentally disconnected. A 12-ft. (3.66 m) cord with NEMA L5-20P plug
and 5-20P plug adapter connects the PDU to a compatible AC power source, generator or protected UPS.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and
NTP.
A digital ammeter allows you to monitor the total load in real time to ensure it remains well below
maximum capacity with no danger of overload. The single-phase PDU installs in 1U of space in EIA-
standard 19-inch racks. You can also mount it vertically in 0U of rack space or on a wall or under a
counter with the included brackets and user-supplied screws.
Features
Distributes, Monitors and Manages Network-Grade AC Power1.9kW 120V switched PDU with single-
phase inputRecommended for network applications requiring individual outlet control, load shedding and
remote monitoring of critical network componentsNEMA L5-20P plug with 12-ft. (3.66 m) cord and 5-20P
plug adapter connects to compatible AC power sourceFirmware upgrades support future product
enhancementsDigital ammeter reports total PDU load in real time
8 Switched NEMA 5-15/20R Outlets Distribute AC PowerIndividual outlets can be remotely controlled
to power up, power down, reboot or lock out devicesCord retention bracket prevents cables from
becoming accidentally disconnectedIndividual LEDs indicate which outlets are live
Built-In LX Platform InterfacePre-installed WEBCARDLX with the latest version of PowerAlert Device
Manager firmware (PADM20) provides enhanced remote management capabilitiesPADM20 and
PowerAlert Element Manager (PAEM) form a powerful tool for expanding maintenance functions in large
Highlights
1.9kW 120V single-phase
switched 1U PDU
q
8 individually controllable NEMA
5-15/20R outlets
q
Pre-installed WEBCARDLX with
latest version of PADM20 for IP-
based Auto Probe feature
q
Digital ammeter for on-site load
monitoring in real time
q
NEMA L5-20P input with 12-ft.
(3.66 m) AC power cord and 5-
20P adapter
q
Package Includes
PDUMH20NET2LX 1.9kW
Single-Phase Switched PDU
q
Built-in LX Platform interface
q
Configuration cable
q
(8) Cable ties
q
Cord retention bracket
q
Mounting hardware
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMH20NET2LX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20NET2 TRIPPLITE-PDUMH20NET2 Datasheet
163Kb / 4P
1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
More results

Similar Description - PDUMH20NET2LX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
PDU1220 TRIPPLITE-PDU1220_15 Datasheet
478Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R), 5-20P, 15ft Cord, 1U Rack-Mount
PDU1220T TRIPPLITE-PDU1220T_15 Datasheet
478Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R) L5-20P, 15ft Cord, 1U Rack-Mount
PDU1420T TRIPPLITE-PDU1420T Datasheet
465Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (145-15-20R), L5-20P, 15ft Cord, 0U Vertical
PDUMH30 TRIPPLITE-PDUMH30 Datasheet
159Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (12 5-15/20R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMH20-ISO TRIPPLITE-PDUMH20-ISO Datasheet
161Kb / 3P
2kW Single-Phase Local Metered PDU Isobar Surge Suppression, 3840 Joules, 100-127V Outlets (12 5-20R, 2 5-15R), L5-20P/5-20P, 15 ft. (4.57 m) Cord, 1U Rack-Mount
PDUMH20NET2 TRIPPLITE-PDUMH20NET2 Datasheet
163Kb / 4P
1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMNH20 TRIPPLITE-PDUMNH20 Datasheet
157Kb / 3P
1.9kW Single-Phase Monitored PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12 ft. (3.66 m) Cord, 1U Rack-Mount, LX Platform Interface, TAA
PDUMV30NETLX TRIPPLITE-PDUMV30NETLX Datasheet
184Kb / 4P
2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com