Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV30NETLX Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30NETLX
Description  2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30NETLX Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMV30NETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30NETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30NETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV30NETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports output amps in 3 separately metered loading segments (BANK 1: Outlets #1-12; BANK 2:
Outlets #13-24; BANK 3: All outlets combined)
Front Panel LEDs
24 power availability LEDs confirm power off/on status for each built-in outlet. Network Link/Activity Status LED
(Yellow), Network Speed LED (Green); LX Platform status LED (Green)
Switches
Pushbutton scroll button enables local power consumption display of each load bank, display rotate and display IP
address functions. LX Platform Interface: Recessed reset switch for interface reboot and factory reset
PHYSICAL
Form Factors Supported
0U vertical rackmount; includes rackmount brackets. Supports tooless mounting in button-mount compatible racks
PDU Form Factor
Vertical (0U)
Shipping Dimensions (hwd / cm)
10.16 x 15.24 x 184.15
Shipping Dimensions (hwd / in.)
4.00 x 6.00 x 72.50
Shipping Weight (kg)
7.48
Shipping Weight (lbs.)
16.50
Unit Dimensions (hwd / cm)
177.8 x 5.6 x 6.73
Unit Dimensions (hwd / in.)
70 x 2.19 x 2.65
Unit Weight (kg)
6.40
Unit Weight (lbs.)
14.1
ENVIRONMENTAL
Storage Temperature Range
-30°C to +60°C (-22°F to +140°F)
Relative Humidity
Up to 95% non-condensing
COMMUNICATIONS
Network Monitoring Port
RJ45 Network port, RJ45 Config/Console Access port; USB A port supports a variety of Envirosense2 environmental
and control modules. See Accessories>Management Hardware section for more information about these modules.
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
SPECIAL FEATURES
High Availability PDU Features
Auto Probe Monitoring and Reboot (included)
STANDARDS & COMPLIANCE
Certifications
Tested to UL 60950-1: 2007 (USA), CAN/CSA-C22.2 NO. 60950-1-07 (Canada), FCC Class A Part 15 (Emissions),
NOM (Mexico), RoHS compliant, TAA Compliant
WARRANTY
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com