Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV30NETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30NETLX
Description  2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30NETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV30NETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30NETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30NETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV30NETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.9kW Single-Phase Switched PDU with LX
Platform Interface, 120V Outlets (24 5-15/20R), 10
ft. Cord with L5-30P, 0U, TAA
MODEL NUMBER: PDUMV30NETLX
2.9kW vertical PDU distributes, monitors and manages single-phase power in an IT or industrial
environment. Built-in network interface helps you remotely monitor load levels to prevent overloads that
cause downtime.
Description
The PDUMV30NETLX 2.9kW Single-Phase Switched PDU provides advanced network control and
remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet.
Recommended for any IT or industrial application, it features 24 switched NEMA 5-15/20R outlets with
included cord retention brackets to prevent cables from becoming accidentally disconnected. A 10-foot
cord with NEMA L5-30P plug connects the PDU to a compatible AC power source, generator or protected
UPS.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and NTP.
A digital ammeter allows you to monitor each bank’s load in real time to ensure it remains well below
maximum capacity with no danger of overload. The vertical PDU mounts in 0U of space in EIA-standard
19-inch racks using the included toolless mounting buttons or the included rack-mounting brackets. Use
the included PDUMVROTATEBRKT kit to install the unit with outlets facing the rear for better airflow or
equipment access.
Features
Distributes Network-Grade Single-Phase Power2.9kW 120V switched PDURecommended for network
applications requiring individual outlet control, load shedding and remote monitoring of critical network
Highlights
2.9kW 120V switched PDU
q
24 individually controllable
NEMA 5-15/20R outlets
q
Built-in LX Platform interface for
24/7 remote access
q
Digital ammeter for on-site load
monitoring in real time
q
NEMA L5-30P input with 10 ft.
AC power cord
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
PDUMV30NETLX 2.9kW Single-
Phase Switched PDU
q
Built-in LX Platform interface
q
Configuration cable
q
(24) Cable ties
q
(2) Cord retention brackets
q
Rack-mounting hardware
q
PDUMVROTATEBRKT
mounting bracket accessory
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMV30NETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
PDUMV30HV2 TRIPPLITE-PDUMV30HV2 Datasheet
148Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (8 C19 and 40 C13), L6-30P, 10 ft. (3.05 m) Cord, 0U Vertical, TAA, 70 in.
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results

Similar Description - PDUMV30NETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV32HVNETLX TRIPPLITE-PDUMV32HVNETLX Datasheet
171Kb / 3P
7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
PDUMH30 TRIPPLITE-PDUMH30 Datasheet
159Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (12 5-15/20R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
PDUMV15NETLX TRIPPLITE-PDUMV15NETLX Datasheet
177Kb / 4P
1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
PDUMH20NET2LX TRIPPLITE-PDUMH20NET2LX Datasheet
162Kb / 4P
1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
PDUMH30ATNET TRIPPLITE-PDUMH30ATNET Datasheet
169Kb / 4P
2.9kW Single-Phase Switched Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
PDUMNH20 TRIPPLITE-PDUMNH20 Datasheet
157Kb / 3P
1.9kW Single-Phase Monitored PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12 ft. (3.66 m) Cord, 1U Rack-Mount, LX Platform Interface, TAA
PDUMNV30 TRIPPLITE-PDUMNV30 Datasheet
170Kb / 4P
2.9kW Single-Phase Monitored PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical, TAA
PDUMNV30LX TRIPPLITE-PDUMNV30LX Datasheet
178Kb / 4P
2.9kW Single-Phase Monitored PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), L5-30P Plug, 0U Vertical, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com