Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB2# Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # USB2PMB2#
Description  DS18B20 Evaluation System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2# Datasheet(HTML) 3 Page - Maxim Integrated Products

  USB2PMB2# Datasheet HTML 1Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 2Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 3Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 4Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: DS18B20
DS18B20 Evaluation System
Temperature
The hexadecimal code and the converted temperature
are displayed within the
Temperature groupbox.
General Description of Hardware
The DS18B20 EV system demonstrates the DS18B20,
high-precision digital thermometer and thermostat. The
USB2PMB2 module and the EV system complete the
system. The DS2482 acts as the 1-Wire master for the
DS18B20 and as an I2C slave for the USB2PMB2.
User-Supplied I2C and I/O
To evaluate the EV system with a user-supplied I2C bus,
the connector J1 is a Pmod-compatible connector. If the
master does not have a Pmod-compatible connector, then
make connection directly to the SCL, SDA, AD0, and AD1
test points. Make sure the return ground is the same as
the DS2482. Please refer to Table 1 for jumper position.
User-Supplied 1-Wire
To evaluate the EV system with a user-supplied 1-wire
bus, the connector J1 is a Pmod-compatible connector. If
the master does not have a Pmod-compatible connector,
then make connection directly to the DQ test points. Make
sure the return ground is the same as the DS18B20.
Please refer to Table 1 for jumper position.
User-Supplied VDD
The DS18B20 and DS2482 are powered through USB
by default when a Pmod -compatible master module is
connected to the J1 connector of the EV system. If a
user-supplied VDD is used, a Pmod master module is not
allowed on the J1 connector. In this case, apply a voltage
between +2.7V and +5.5V at the VDD test point.
Figure 1. DS18B20 EV System Main Window
#Denotes RoHS compliant.
Ordering Information
PART
TYPE
DS18B20EVSYS1#
EV System
DS18B20EVKIT#
EV Kit
USB2PMB2#
Adapter Board



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com