Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB2# Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # USB2PMB2#
Description  DS18B20 Evaluation System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2# Datasheet(HTML) 4 Page - Maxim Integrated Products

  USB2PMB2# Datasheet HTML 1Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 2Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 3Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 4Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: DS18B20
DS18B20 Evaluation System
DS18B20 EV System Bill of Materials
ITEM QTY
REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
5 DQ, AD0, AD1,
SCL, SDA
5007 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.35IN;
BOARD HOLE=0.063IN; WHITE; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH; RECOMMENDED FOR
BOARD THICKNESS=0.062IN; NOT FOR COLD TEST
2
2 C1, C2
GCJ188R71H104KA12; GCM188R71H104K;
CGA3E2X7R1H104K080AE
MURATA; TDK
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF; 50V;
TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7R; AUTO
3
1 GND
5006 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.35IN;
BOARD HOLE=0.063IN; BLACK; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH; RECOMMENDED FOR
BOARD THICKNESS=0.062IN; NOT FOR COLD TEST
4
1 J1
TSW-106-08-S-S-RA
SAMTEC
TSW-106-08-S-S-RA
CONNECTOR; MALE; THROUGH HOLE; 0.025 INCH
SQUARE POST HEADER; RIGHT ANGLE; 6PINS
5
2 J2, J4
PCC02SAAN
SULLINS
PCC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 2PINS; -65 DEGC TO +125 DEGC
6
1 J3
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 3PINS; -65 DEGC TO +125 DEGC
7
2 J5, J6
PEC04SAAN
SULLINS ELECTRONICS CORP.
PEC04SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT; 4PINS
8
3 R1-R3
CRCW06034K70FK
VISHAY DALE
4.7K
RESISTOR; 0603; 4.7K; 1%; 100PPM; 0.10W; THICK FILM
9
5 SU1-SU5
STC02SYAN
SULLINS ELECTRONICS CORP.
STC02SYAN
TEST POINT; JUMPER; STR; TOTAL LENGTH=0.256IN;
BLACK; INSULATION=PBT CONTACT=PHOSPHOR BRONZE;
COPPER PLATED TIN OVERALL
10
1 U1
DS18B20U
MAXIM
DS18B20U
IC; DTHM; PROGRAMMABLE RESOLUTION 1-WIRE
DIGITAL THERMOMETER; USOP8
11
1 U2
DS2482S-100+
MAXIM
DS2482S-100+
IC; INFC; SINGLE-CHANNEL 1-WIRE MASTER; NSOIC8
12
1 VDD
5005 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.35IN;
BOARD HOLE=0.063IN; RED; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH; RECOMMENDED FOR
BOARD THICKNESS=0.062IN
13
1
EPCBDS18B20
MAXDS18B20
MAXIM
PCB
TOTAL 26
PACKOUT (These are purchased parts but not assembled on PCB and will be shipped with PCB)
ITEM QTY
REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
1 PACKOUT
88-00711-SML
N/A
?
BOX;SMALL BROWN 9 3/16X7X1 1/4 - PACKOUT
2
1 PACKOUT
87-02162-00
N/A
?
ESD BAG;BAG;STATIC SHIELD ZIP 4inX6in;W/ESD
LOGO - PACKOUT
3
1 PACKOUT
85-MAXKIT-PNK
N/A
?
PINK FOAM;FOAM;ANTI-STATIC PE
12inX12inX5MM - PACKOUT
4
1 PACKOUT
EVINSERT
N/A
?
WEB INSTRUCTIONS FOR MAXIM DATA SHEET
5
1 PACKOUT
85-84003-006
N/A
?
LABEL(EV KIT BOX) - PACKOUT
TOTAL 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com