Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L5DISP Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56EL70L5DISP
Description  SPC56EL70L5DISP: Discovery evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L5DISP Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56EL70L5DISP Datasheet HTML 1Page - STMicroelectronics SPC56EL70L5DISP Datasheet HTML 2Page - STMicroelectronics SPC56EL70L5DISP Datasheet HTML 3Page - STMicroelectronics SPC56EL70L5DISP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
August 2018
DB2005 Rev 3
1/4
1
SPC56L-Discovery
SPC56EL70L5DISP: Discovery+ evaluation board
Data brief
Features
 Board Supply: Single 12 VDC external power
supply input. Two regulators provide power
voltages 5 V and 3.3 V.
 Main power switch and three power supply
status LEDs (+12 V, +5 V and +3.3 V)
 All MCU signals accessible by a 37 x 4 100 mil
pin grid array allowing connection of an
additional board for dedicated applications.
 JTAG interface (7 x 2 male 100 mil connector)
 Two FlexRay channels with jumper enable and
DB9 male connector.
 Two CAN channels with jumper enable and
DB9 male connector
 K-Line interface.
 Two LIN interfaces (HW configurable)
 Two potentiometers for analog voltage input
 Three user LEDs.
 40 MHz crystal.
 Reset push button.
 Specification:
– Board size 115 x 135mm
– 12 VDC center positive, 2.1 mm inner
diameter.
Description
The SPC56xL Discovery+ kit helps you to
discover SPC56L line Power Architecture®
Microcontrollers with full access to CPUs, I/O
signals and peripherals such as CAN, UART,
FlexRay, JTAG, K-Line, LIN at budget price.
Free ready-to-run application firmware examples
are available on www.st.com/SPC56Ldiscovery
and inside SPC5Studio (www.st.com/spc5studio)
to support quick evaluation and development.
SPC5studio includes visual configurable code
generation engine, board support package (BSP),
startup routines, interrupt services, free RTOS
(optional) and a full set of low level drivers.
SPC5Studio includes Hightec GNU "C" compiler,
with a 30-days full free trial license. SPC5Studio
is available for free download.
The SPC56xL family is designed to address all
Automotive Applications but as well industrial
safety oriented applications.
The SPC56xL devices featured specific functions
to make the design of ASIL D/SIL-3 applications
easier.
An E2E Community is available on ST WEB:
https://my.st.com/public/STe2ecommunities/mcu.
Table 1. Device summary
Order code
Reference
SPC56EL70L5DISP
SPC56xL DISCOVERY+
with SPC56EL70L5
www.st.com


Similar Part No. - SPC56EL70L5DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL70L5 STMICROELECTRONICS-SPC56EL70L5 Datasheet
2Mb / 128P
4 KB instruction cache with error detection code
09-Jul-2015
More results

Similar Description - SPC56EL70L5DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC58NG-DISP STMICROELECTRONICS-SPC58NG-DISP Datasheet
327Kb / 5P
SPC58NG-DISP Discovery evaluation board
04-Jul-2019
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
SPC570S-DISP Discovery evaluation board
05-Apr-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com