Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S40_V01 Datasheet HTML 9Page - STMicroelectronics ST1S40_V01 Datasheet HTML 10Page - STMicroelectronics ST1S40_V01 Datasheet HTML 11Page - STMicroelectronics ST1S40_V01 Datasheet HTML 12Page - STMicroelectronics ST1S40_V01 Datasheet HTML 13Page - STMicroelectronics ST1S40_V01 Datasheet HTML 14Page - STMicroelectronics ST1S40_V01 Datasheet HTML 15Page - STMicroelectronics ST1S40_V01 Datasheet HTML 16Page - STMicroelectronics ST1S40_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DocID17928 Rev 6
13/30
ST1S40
Functional description
30
5.3
Overcurrent protection
The ST1S40 device implements the pulse-by-pulse overcurrent protection. The peak
current is sensed through the high side Power MOSFET and when it exceeds the first
overcurrent threshold (OCP1) the high side is immediately turned off and the low side
conducts the inductor current for the rest of the clock period.
During overload condition, since the duty cycle is not set by the control loop but is limited by
the overcurrent threshold, the output voltage drops out of regulation. If the feedback falls
below 0.3 V the switching frequency is reduced to one fourth and the current limit threshold
is folded back to around 2 A. Thanks to the current and frequency fold back the stress on
the device and on the external power components is reduced in case of severe overload or
dead-short to ground of the output.
The current fold back is disabled during the startup, in order to allow the Vout to rise up
properly in case of the big output capacitor requiring high extra current to be charged.
An additional mechanism is protecting the device in case of short-circuit on the output and
high input voltage. A further threshold (OCP2, 1A higher than OCP1) is compared to the
inductor current. If the inductor current exceeds OCP2, the device stops switching and
restarts with a soft-start cycle.
5.4
Enable function
The enable feature allows the device to be put into standby mode. With the EN pin lower
than 0.4 V, the device is disabled and the power consumption is reduced to less than 15 µA.
With the EN pin higher than 1.2 V, the device is enabled. High level signal enables the
device. An external 100 k pulldown resistor is suggested to ensure device disabled when
the pin is left floating. Connect to VIN if not used.
5.5
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150
C. Once the junction temperature goes back to about 130 C,
the device restarts in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com