Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1S40_V01 Datasheet HTML 14Page - STMicroelectronics ST1S40_V01 Datasheet HTML 15Page - STMicroelectronics ST1S40_V01 Datasheet HTML 16Page - STMicroelectronics ST1S40_V01 Datasheet HTML 17Page - STMicroelectronics ST1S40_V01 Datasheet HTML 18Page - STMicroelectronics ST1S40_V01 Datasheet HTML 19Page - STMicroelectronics ST1S40_V01 Datasheet HTML 20Page - STMicroelectronics ST1S40_V01 Datasheet HTML 21Page - STMicroelectronics ST1S40_V01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Application information
ST1S40
18/30
DocID17928 Rev 6
Figure 7. Switching losses
6.5
Layout consideration
The PC board layout of switching DC-DC regulator is very important in order to minimize the
noise injected in high impedance nodes, to reduce interferences generated by the high
switching current loops, and to optimize the reliability of the device.
In order to avoid EMC problems, the high switching current loops must be as short as
possible. In the buck converter there are two high switching current loops: during the ON
time, the pulsed current flows through the input capacitor, the high side power switch, the
inductor and the output capacitor; during the OFF time, through the low side power switch,
the inductor and the output capacitor.
The input capacitor connected to VINSW must be placed as close as possible to the device,
to avoid spikes on VINSW due to the stray inductance and the pulsed input current.
In order to prevent dynamic unbalance between VINSW and VINA, the trace connecting the
VINA pin to the input must be derived from VINSW and design local ceramic bypass
capacitor (1 µF) as close as possible to the VINA pin.
The feedback pin (FB) connection to the external resistor divider is a high impedance node,
so the interferences can be minimized through the routing of the feedback node with a very
short trace and as far as possible from the high current paths.
A single point connection from signal ground to power ground is suggested.
Thanks to the exposed pad of the device, the ground plane helps to reduce the thermal
resistance junction to ambient; so a large ground plane, soldered to the exposed pad,
enhances the thermal performance of the converter allowing high power conversion.
VSW
ISW,HS
VIN
VDS,HS
PCOND,HS
PCOND,LS
PSW
TFALL
TRISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com