Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364W Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6364W
Description  Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6364W Datasheet HTML 2Page - STMicroelectronics L6364W Datasheet HTML 3Page - STMicroelectronics L6364W Datasheet HTML 4Page - STMicroelectronics L6364W Datasheet HTML 5Page - STMicroelectronics L6364W Datasheet HTML 6Page - STMicroelectronics L6364W Datasheet HTML 7Page - STMicroelectronics L6364W Datasheet HTML 8Page - STMicroelectronics L6364W Datasheet HTML 9Page - STMicroelectronics L6364W Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 5. STEVAL-IOD004V1 (main board) circuit schematic (4 of 4)
1- select i2C
ISM330DHCX
INT2_iNEMO
3V3
GND
INT1_iNEMO
IIS2DMC_DRDY
USART2_TX_SN
USART2_RX_SN
I2C_SCL
I2C_SDA
3V3
3V3
3V3
3V3
3V3
3V3
3V3
3V3
R13
10K
C16
100nF
C21
220nF
C14
100nF
C13
10uF
C19
10uF
C18
100nF
U4
VDDIO
5
CS
12
GND2
7
GND1
6
SCL
13
SDA
14
C20
10uF
U3
IIS2MDC
SCL/SPC
1
NC_1
2
CS
3
SDA/SDI/SDO
4
C1
5
GND_1
6
INT/DRDY
7
GND_2
8
VDD
9
VDD_IO
10
NC_2
11
NC_3
12
R15
10K
C15
100nF
J2
Sensor Expansion Connector
1
2
3
4
5
6
7
8
9
10
R12
4.7K
R14
10K
NM
GND
I2C_SDA
I2C_SCL
GND
I2C_SDA
I2C_SCL
3V3
3V3
USART2_TX_MCU
USART2_RX_MCU
I2C_SDA
I2C_SCL
IIS2DMC_DRDY
CS
I2C_SCL
GND
I2C_SDA
GND
VDD_IO
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com