Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364W Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6364W
Description  Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364W Datasheet(HTML) 1 Page - STMicroelectronics

  L6364W Datasheet HTML 1Page - STMicroelectronics L6364W Datasheet HTML 2Page - STMicroelectronics L6364W Datasheet HTML 3Page - STMicroelectronics L6364W Datasheet HTML 4Page - STMicroelectronics L6364W Datasheet HTML 5Page - STMicroelectronics L6364W Datasheet HTML 6Page - STMicroelectronics L6364W Datasheet HTML 7Page - STMicroelectronics L6364W Datasheet HTML 8Page - STMicroelectronics L6364W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
Kit content:
–
STEVAL-IOD004V1 (45.8 x 8.3 mm) main board with shape easy to be
integrated in industrial sensors housing (not available for separate sale)
–
STLINK-V3MINI programmer and debugger tool
–
M8-M12 industrial connector adapter including a 20 cm cable
–
14-pin flat cable
•
Main board features:
–
Industrial sensor node based on STM32G071EB (mainstream Arm®
Cortex®-M0+ RISC core MCU operating at up to 64 MHz frequency),
L6364W (dual channel transceiver IC for SIO and IO-Link sensor
applications), IIS2MDC (high accuracy, ultra-low-power, 3-axis digital output
magnetometer) and ISM330DHCX (iNEMO inertial module with machine
learning core, and finite state machine with digital output for industrial
applications)
–
Runs an IO-Link v.1.1 demo-stack and MEMS control software, included in
the companion package STSW-IOD04K together with the IODD file
–
Operating voltage range 7 to 32 V
–
Four-pole M8 industrial standard connector
–
L6364W embedded DC-DC converter provides 3.3 V supply for all on-
board ICs
–
General-purpose LEDs for transmission, programming/debugging, warning,
and status
–
Jumpers for CQ and DIO selection in independent or joint mode
–
Switch for transmission mode selection (transparent, single, or multioctet)
–
Reset button
–
10-pin connector for sensor expansion options
–
SWD connector for debugging and programming capability
–
Protections against surge pulse (up to ± 3APK with 500 Ω coupling) and
reverse polarity
–
EMC and EMI tested according to standard requirements
–
RoHS compliant
Description
The STEVAL-IOD04KT1 is a reference design kit that exploits the features of the
L6364W IO-Link dual-channel device transceiver.
The kit consists of the STEVAL-IOD004V1 main board (not available for sale), the
STLINK-V3MINI programmer and debugger tool, a 14-pin flat cable, and an M8 to
M12 standard industrial connector adapter.
The kit acts as a modern smart industrial sensor to be connected to a master IO-Link
hub (or a suitable PLC interface).
The power supply for the MCU, sensors, and other logic devices derives from the
DC-DC converter controller embedded in the L6364W.
The on-board STM32G071EB microcontroller runs an IO-Link demo stack v.1.1,
which controls the IO-Link communication, and the software code that manages the
L6364W transceiver and the MEMS industrial sensors.
Product summary
Industrial smart
sensor kit based
on L6364W dual
IO-Link device
transceiver
STEVAL-IOD04KT1
Software pack for
STEVAL-IOD04KT1
with IO-Link stack
v1.1, IODD, and
control software for
industrial sensors
STSW-IOD04K
Dual channel IO-
Link device
transceiver in CSP
package
L6364W
Applications
Factory automation
Industrial sensors
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
STEVAL-IOD04KT1
Data brief
DB4571 - Rev 2 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L6364W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6364 STMICROELECTRONICS-L6364 Datasheet
2Mb / 60P
Dual channel transceiver IC for SIO and IO-Link sensor applications
October 2021 Rev 4
L6364 STMICROELECTRONICS-L6364 Datasheet
1Mb / 5P
IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
09-Sep-2024
L6364Q STMICROELECTRONICS-L6364Q Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
L6364Q STMICROELECTRONICS-L6364Q Datasheet
926Kb / 4P
STM32 Nucleo pack for IO-Link device applications based on L6364Q transceiver, industrial sensors and STM32L452RE MCU
04-Dec-2020
More results

Similar Description - L6364W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
logo
STMicroelectronics
STEVAL-IDP003V1 STMICROELECTRONICS-STEVAL-IDP003V1 Datasheet
402Kb / 10P
IO-Link industrial modular sensor board based on L6362A
25-Oct-2017
logo
Maxim Integrated Produc...
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com