Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet (PDF) - STMicroelectronics

L6364 Datasheet PDF - STMicroelectronics
Part # L6364
Download  L6364 Download
File Size   2230.35 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel transceiver IC for SIO and IO-Link sensor applications

L6364 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6364 Datasheet PDF - STMicroelectronics

Part # L6364
Download  L6364 Click to download

File Size   2230.35 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel transceiver IC for SIO and IO-Link sensor applications

L6364 Datasheet (HTML) - STMicroelectronics


L6364 Product details

Features
■ Supply voltage from 5 V to 35 V
■ 2.5 V to 5 V compatible I/Os
■ 3.3 V and 5 V, 50 mA linear regulators
■ 50 mA DC-DC regulator with configurable frequency (0.5 MHz to 2 MHz) & voltage (5 V to 10.5 V)
■ Low dissipative (5 Ω) CQ and DIO output stages configurable in high side, low side, push/pull
■ Configurable reporting threshold (0.11 A to 0.25 A) of current limitation for CQ and DIO lines
■ Configurable reporting threshold (0.22 A to 0.5 A) of current limitation for CQ//DIO line (Join Mode)
■ Fully protected: – Embedded reverse polarisation diode (DOUT pin) – Full zero current reverse polarity between VPLUS, CQ, DIO and PGND pins – Configurable (up to 216°C) thermal shutdown threshold – 7-bit, calibrated, temperature measurement – Configurable (6.0 V to 15 V) VPLUS undervoltage detection – CQ and DIO short-circuit current limit and reporting
■ -40 to +150°C operating temperature
■ Suitable to drive L, C and R loads
■ Quartz-free IO-Link clock extraction and timing generation at COM2 (38.4k Baud) and COM3 (230.4k Baud)
■ Integrated UART peripheral with M-sequence handling (inc. checksum) for all IO-Link sequences according to specification v1.1
■ Multi octet UART mode for M-sequence size up to 15 octets
■ Single octet UART mode for unlimited M-sequence size and continuous data transfer
■ Transparent UART mode for special applications
■ CQ and DIO switching time = 100 ns (2 kΩ//2.2 nF load)
■ 8 V Zener limits for fast demagnetization of inductive loads
■ Two LED drivers with configurable (up to 8 mA) current
■ Design to meet application requirements: – ESD IEC 61000-4-2 protection to 4 kV – EMC protection against surge (500 Ω coupling) above ±2A/50 μs
■ Smart format QFN-20L 4x4 mm and CSP-19 2.5x2.5 mm packages

Applications
■ Industrial sensors
■ Factory automation
■ Process control Product status link L6364 Product summary




Similar Part No. - L6364

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6364 STMICROELECTRONICS-L6364 Datasheet
1Mb / 5P
IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
09-Sep-2024
L6364Q STMICROELECTRONICS-L6364Q Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
L6364Q STMICROELECTRONICS-L6364Q Datasheet
926Kb / 4P
STM32 Nucleo pack for IO-Link device applications based on L6364Q transceiver, industrial sensors and STM32L452RE MCU
04-Dec-2020
L6364W STMICROELECTRONICS-L6364W Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
More results


Similar Description - L6364

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
ELMOS Semiconductor AG
E981.10 ELMOS-E981.10 Datasheet
881Kb / 19P
BASIC IO-LINK TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com