Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 2 Page - STMicroelectronics

  L6364 Datasheet HTML 1Page - STMicroelectronics L6364 Datasheet HTML 2Page - STMicroelectronics L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
1
Description
The L6364 is a dual channel transceiver for industrial sensor applications.
It has been designed to support even the IO-Link standard and acts as a bridge between a microcontroller with a
sensor or actuator function and a 24 V supply and signaling cable.
In normal operation the L6364 is configured at start up by the microcontroller via the SPI interface. Typically, the
L6364 then operates as a Single Input Output device driving the output lines as configured by the microcontroller.
If the device is connected to an IO-Link master, then the master can initiate communication and exchange data
with the microcontroller while the L6364 acts as a physical layer for the communication.
The L6364 integrates a surge pulse suppressor circuit featuring the protection of the process side pins (VPLUS,
CQ, DIO, PGND) against up to ±1.5 kV/50 us withstand pulses applied with 500 Ω coupling. Also, the same pins
are protected against reverse polarity (Section 20 Surge pulse and reverse polarity protections).
The two symmetrical input/output stages (CQ and DIO) can be used either for the communication through the
24 V data bus or to drive industrial loads. Each output stage can be configured (Hi-Z, High Side, Low Side,
Push-Pull) and protected against overload by the ISET programmable threshold (110 mA to 250 mA). Also, the
JOIN mode configuration allows to reduce power dissipation and to double overload threshold by shorting CQ and
DIO on the application.
The IC embeds two linear regulators (V3V3 and V5V) than can work either directly supplied by the external supply
rail (VPLUS) or by the high efficiency and configurable (VSET, fSET) embedded DC-DC converter. The output
voltage of the DC-DC can be used as additional supply rail for the application. The total current capability (IOUT) of
the internal regulators and DC-DC is 50 mA.
The logic core of the IC is internally supplied by the V3V3 rail and communicates with the external microcontroller
by an SPI (slave) interface, an interrupt signal (INT) and direct driving of DIO line (CTLD). The VDIG pin defines
the voltage rail of these digital signals: it enables the IC to work even with microcontroller supplied by different
rails than V3V3.
The internal logic embeds an IO-Link UART peripheral that can be configured by the microcontroller in one of
the three possible options: Transparent, Single-octet or Multi-octet (Section 8 IO-Link UART peripheral). In
Transparent mode the IC works purely as a physical layer between the microcontroller and the 24 V data bus:
the workload for the management of the input/output data is fully demanded to the firmware running on the
microcontroller. In Single-octet and Multi-octet modes the IC itself does a set of IO-Link required checks on the
input/output data with consequent drastic reduction of the workload for the microcontroller. The Multi-octet is
usually preferred when the data transfer with the IO-Link master can be managed by the available 8-bits registers
buffer: the IC generates an interrupt to microcontroller when all data in the buffer are ready. If IO-Link data
transfer exceeds the IC buffer capability, then Single-octet can be used instead: in this case the IC generates an
interrupt at every octet ready.
The L6364 offers two programmable pins (LED1 and LED2) acting as LED drivers with configurable current
capability (up to 8 mA, each).
L6364
Description
DS13363 - Rev 4
page 2/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com