Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 19Page - STMicroelectronics L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics L6364 Datasheet HTML 23Page - STMicroelectronics L6364 Datasheet HTML 24Page - STMicroelectronics L6364 Datasheet HTML 25Page - STMicroelectronics L6364 Datasheet HTML 26Page - STMicroelectronics L6364 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Table 19. Transparent mode operation
CCTL:SIO
CCTL:HS
CCTL:LS
Operation
Short-circuit
1
0
0
SIOListen operation
Short reported after retry
1
0
1
Low-side SIO operation
1
1
0
High-side SIO operation
1
1
1
Push-pull SIO operation
0
0
0
IOListen operation
Short timers reset
0
0
1
Do not use
0
1
0
Do not use
0
1
1
Push-pull IO-Link operation
Short reported immediately
In transparent SIO operation (CCTL:TRNS='1', CCTL:SIO='1') a short is only reported after N retries, see tRETRY,
which is suitable to indicate the presence of a valid IO-Link wake-up pulse.
In transparent IO-Link operation (CCTL:TRNS='1', CCTL:SIO='0'), a short is reported immediately after tSHORT.
In both cases the device attempts to drive the line again after tRETRY and then tRESTART without intervention from
the microcontroller.
The output switches are disabled while a short is reported, protecting the device from excessive dissipation.
The short condition and associated internal timers can be reset by setting IOListen operation (CCTL:TRNS='1',
CCTL:SIO=CCTL:HS=CCTL:LS='0'), which allows switching to push-pull IO-Link operation after valid data has
been received.
Following a cleared short condition, a new driving operation should only be selected after receiving valid IO-Link
data or waiting for at least tRESTART.
8.4.1
Transparent mode input path
With SS='1' in transparent mode, the level of the MISO line is the inverted level of the CQ signal. The signal is
filtered with a constant delay filter, (1/16) * TBIT, see Table 5, to remove line glitches.
8.4.2
Leaving transparent mode
Transparent mode is left by clearing the CCTL:TRNS register bit to '0' via the SPI.
L6364
Transparent mode output path
DS13363 - Rev 4
page 23/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com