Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 34Page - STMicroelectronics L6364 Datasheet HTML 35Page - STMicroelectronics L6364 Datasheet HTML 36Page - STMicroelectronics L6364 Datasheet HTML 37Page - STMicroelectronics L6364 Datasheet HTML 38Page - STMicroelectronics L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
17.3.4
SLEEP state
The SLEEP state is reached after 1ms by setting the DCDC:DIS bit via the microcontroller. In the SLEEP state no
current is drawn by the DC-DC converter on VPLUS or V3V3, and the switch control blocks are depowered. The
SLEEP state is left by resetting the DCDC:DIS bit, or during a L6364 reset, that is when VV3V3 < VPOR.
17.3.5
BYPASS state
The BYPASS state is equivalent to the STARTUP state, and is reached after 1 ms by setting the DCDC:BYP bit
via the microcontroller.
In this mode, the ISTARTUP current source is permanently enabled and the voltage on VDCDC is held at VSTARTUP.
Power to the devices on the V3V3 or V5V pins is now provided via the inductor and linear regulators. Leaving
the BYPASS state is achieved by clearing the DCDC:BYP bit, whereby normal operation of the DC-DC converter
resumes after 40 μs.
This operation mode can be used if a device is operated at times in a low current consumption state, or
suppression of converter switching noise is required for a temporary period.
17.4
Converter external component consideration
17.4.1
Minimum supply voltage
The DC-DC converter has a minimum off-time per cycle, which leads to a maximum duty of:
DMAX = 1 − (150 ns × fSET);
eg. at fSET = 1 MHz
⇒ DMAX = 0.85.
Figure 15. Minimum supply voltage
Current
Voltage
VSET
VDIODE
Resistive Losses
0
VSET / DMAX
Minimum VVPLUS
The supply voltage (VVPLUS) required to reach a nominal output voltage (VSET) is given by:
VVPLUS = VSET / DMAX + VDIODE + IOUT × [RCOIL / DMAX + RHIGH + (1/DMAX−1) × (RSHUNT+ RLOW)]
For VSET= 8.6 V, VDIODE=1 V, IOUT= 50 mA, RCOIL= 2 Ω, RHIGH= RLOW= 20 Ω, RSHUNT= 1.5 Ω, DMAX= 90%
a supply voltage of 11.80 V is required to ensure that the nominal set voltage can be reached for all devices over
the entire temperature range.
Note:
At very low supply voltages, where the duty cycle approaches DMAX, an increased ripple on the VDCDC supply
may occur.
17.4.2
Coil current limitation protection
Where the coil current exceeds ILIMIT at the start of a cycle, that cycle is aborted. The current is checked again
every 200 ns and a normal cycle is started once the coil current is below ILIMIT.
L6364
Converter external component consideration
DS13363 - Rev 4
page 38/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com