Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 48Page - STMicroelectronics L6364 Datasheet HTML 49Page - STMicroelectronics L6364 Datasheet HTML 50Page - STMicroelectronics L6364 Datasheet HTML 51Page - STMicroelectronics L6364 Datasheet HTML 52Page - STMicroelectronics L6364 Datasheet HTML 53Page - STMicroelectronics L6364 Datasheet HTML 54Page - STMicroelectronics L6364 Datasheet HTML 55Page - STMicroelectronics L6364 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
25
CSP19 Package and Packaging Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages
have a Lead-free second level interconnect. The category of second level interconnect is marked on the package
and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Figure 28. CSP19 Mechanical drawings
Table 35. CSP19 Dimensions [mm]
SYMBOL
MIN.
TYP.
MAX.
A
0.414
0.444
0.474
A1
0.179
0.194
0.209
A2
0.225
0.250
0.275
b
0.239
0.269
0.299
D
2.507
2.537
2.567
E
2.507
2.537
2.567
D1
1.8 BSC
E1
1.5 BSC
eD
0.45 BSC
eE
0.50 BSC
SD
0.006 BSC
SE
0.172 BSC
fD1
0.374 BSC
fD2
0.363 BSC
fE1
0.441 BSC
L6364
CSP19 Package and Packaging
Mechanical Data
DS13363 - Rev 4
page 52/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com