Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 44Page - STMicroelectronics L6364 Datasheet HTML 45Page - STMicroelectronics L6364 Datasheet HTML 46Page - STMicroelectronics L6364 Datasheet HTML 47Page - STMicroelectronics L6364 Datasheet HTML 48Page - STMicroelectronics L6364 Datasheet HTML 49Page - STMicroelectronics L6364 Datasheet HTML 50Page - STMicroelectronics L6364 Datasheet HTML 51Page - STMicroelectronics L6364 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Figure 23. Application example: DC-DC disabled, CQ as line driver, DIO as load driver, VSENSOR = 5.0 V,
VMCU = VDIG = 3.3 V
1) AFE (sensor)
2) IO-Link master is used for IO-Link mode and device configuration
3) XL (high or low-side) in Single Input Output mode
4) Industrial Load (e.g. Valve)
further SPI slaves
µC
L6364
V5V
V3V3
LED1
LED2
VDIG
SS
MOSI
MISO
SCK
INT
CTLD
DOUT
LOUT
VPLUS
CQ
DIO
PGND
GND
CEMC
unshielded
XL
1)
2)
3)
VDCDC
4)
Figure 24. Application example: DC-DC enabled, CQ and DIO as independent line drivers, VSENSOR > 5.0 V,
VMCU = VDIG = 5.0 V
1) AFE (sensor)
2) IO-Link master is used for IO-Link mode and device configuration
3) XL (high or low-side) in Single Input Output mode
4) Industrial Load (e.g. Valve)
further SPI slaves
µC
L6364
V5V
V3V3
LED1
LED2
VDIG
SS
MOSI
MISO
SCK
INT
CTLD
VPLUS
CQ
DIO
PGND
GND
CEMC
unshielded
XL
1)
2)
3)
DOUT
LOUT
VDCDC
L6364
Typical Applications
DS13363 - Rev 4
page 48/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com