Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics L6364 Datasheet HTML 13Page - STMicroelectronics L6364 Datasheet HTML 14Page - STMicroelectronics L6364 Datasheet HTML 15Page - STMicroelectronics L6364 Datasheet HTML 16Page - STMicroelectronics L6364 Datasheet HTML 17Page - STMicroelectronics L6364 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
7
DIO pin
The DIO pin is a fully protected I/O which is driven or sampled independently via SPI. This pin may be operated in
one of two modes:
•
JOIN mode (DCTL:DIO bit = '0').
This is the default configuration for DCTL:DIO bit. The DIO/CQ outputs function together to provide a single,
double drive strength, IO-Link conformal output. The outputs, DIO and CQ, must be externally shorted
together. When in this mode, the DCTL:HS and DCTL:LS no longer have any effect on the output state.
•
DIO mode (DCTL:DIO bit = '1').
The DIO line functions as independent high voltage digital input output pin. Setting bit DCTL:IEN in this
mode, enables a signal level change interrupt, informing the microcontroller that a level change has occurred
on the DIO line.
7.1
DIO mode output control
In DIO mode there are two alternatives for controlling the pin output state: via SPI (DCTL:EXT reset) or
directly via pin CTLD (DCTL:EXT set). Table 16 and Table 17 show how the output is controlled in both cases
respectively.
Table 16. DIO control via SPI-DCTL:EXT=’0’
Mode
DCTL:HS
DCTL:LS
DIO Channel Output State
Off
0
0
HiZ
Low
0
1
0
High
1
0
1
Illegal
1
1
HiZ
If bit DCTL:EXT is set, bits DCTL:HS and DCTL:LS function as configuration bits, which configure the DIO output
to be a PNP, NPN or Push-Pull driver.
Table 17. Direct DIO control via pin CTLD – DCTL:EXT=’1’
DIO Channel Output State
Mode
DCTL:HS
DCTL:LS
CTLD=’1’
CTLD=’0’
Inactive
0
0
HiZ
HiZ
NPN
0
1
0
HiZ
PNP
1
0
1
HiZ
Push-Pull
1
1
1
0
The high- and low-side switches are identical and have an on-state resistance of RSW. Any inactive switch acts as
a Zener diode limiting the voltage on the DIO line to VZEN above VVPLUS (high-side switch), or VZEN below GND
(low-side switch). This allows rapid switch-off for inductive loads.
The DIO data level is monitored for signals, filtering out pulses with a duration of less than (1/16) * TBIT, see
Table 5.
The decision threshold for the DIO data level is determined by the CFG:RF bit. Where this is '0', the IO-link
standard absolute levels are used, and where the bit is '1' the threshold is referred to VVPLUS/1.8.
L6364
DIO pin
DS13363 - Rev 4
page 14/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com