Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 27Page - STMicroelectronics L6364 Datasheet HTML 28Page - STMicroelectronics L6364 Datasheet HTML 29Page - STMicroelectronics L6364 Datasheet HTML 30Page - STMicroelectronics L6364 Datasheet HTML 31Page - STMicroelectronics L6364 Datasheet HTML 32Page - STMicroelectronics L6364 Datasheet HTML 33Page - STMicroelectronics L6364 Datasheet HTML 34Page - STMicroelectronics L6364 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
12
Undervoltage detection
If the voltage on the VPLUS is below the VUV threshold, then the status bit UV is set. An interrupt is generated if
this status is different to the status reported in the last SPI exchange.
The undervoltage thresholds are set by CFG:UVT[2:0].
Table 29. Undervoltage threshold
CFG:UVT
Threshold
CFG:UVT
Threshold
decimal
(V)
decimal
(V)
0
15.0
4
10.5
1
14.0
5
8.5
2
13.0
6
7.5
3
12.0
7
6.0
L6364
Undervoltage detection
DS13363 - Rev 4
page 31/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com