Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 14Page - STMicroelectronics L6364 Datasheet HTML 15Page - STMicroelectronics L6364 Datasheet HTML 16Page - STMicroelectronics L6364 Datasheet HTML 17Page - STMicroelectronics L6364 Datasheet HTML 18Page - STMicroelectronics L6364 Datasheet HTML 19Page - STMicroelectronics L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
8.1.6
Data interrupt handling
If the STATUS:DAT bit is read as active (high) on an SPI access, then the L6364 is halted in a WAIT condition and
is waiting for either a LINK:END or LINK:SND command from the microcontroller.
While the L6364 is in the WAIT condition the interrupt pin (INT), the STATUS:INT bit and the STATUS:DAT bit
remain active continuously.
Data can be read and written to the L6364 registers while in the WAIT condition.
Typically the LINK register and FR registers are accessed to read the incoming data, and the FR registers are
written to set up the outgoing data. As the L6364 is halted, it doesn't generate further data interrupts in the WAIT
condition.
When the microcontroller sends either a LINK:END or LINK:SND command, the interrupt pin (INT), the
STATUS:INT bit and the data bit, STATUS:DAT, are cleared within 220 ns of the last SCK edge of the SPI
write access.
If the microcontroller detects an active interrupt after the SPI access, or if the STATUS:DAT bit is read as
active (high) on a subsequent SPI access, then new data is available.
The LINK register is duplicated as LINK2 at address 0xF to optimize sequential SPI access:
•
a sequential SPI read can be used to read the LINK2 register and then the frame registers in one SPI
operation.
•
a sequential SPI write (including SND bit) can be used to write the LINK2 register and then the frame
registers. Transmission starts once the FR0 register is written and the micro-controller must ensure that the
subsequent registers have valid values before the start of transmission of the respective octets.
8.1.7
Short-circuit, overtemperature and undervoltage interrupt handling
The INT pin and the STATUS:INT bit are additionally active (high) if the last value of the short-circuit, undervoltage
or overtemperature status bits communicated on the SPI is different to the current value.
The L6364 handles short-circuit and overtemperature autonomously and does not require a reaction from the
microcontroller.
It is possible for these status bits to change at any time, and so the interrupt may be removed between entering
the interrupt service routine and reading the status on the SPI.
The interrupt is removed during the next SPI access to the L6364. If an SPI access is made without checking the
value of these bits, as is typical during processing of a data interrupt, it is normal to record the status values from
the final access, or to explicitly add an extra SPI access.
8.1.8
Interrupt handler structure
The interrupt handler will typically have the following sequence:
read the L6364 status with a read access from the LINK register
if (STATUS:DAT is active)
{
analyze the STATUS:CHK bit, read the FR registers
send LINK2:SND or LINK2:END as appropriate and write the response into the FR registers
};
update the microcontrollers copy of the short-circuit, undervoltage and overtemperature status based on the
status bits received in the previous access. Take action if necessary.
8.1.9
Changing to and from SIO mode
The L6364 should be placed into IO-Link mode as soon as communication with the master is established.
Typically a switch from SIO mode (CCTL:SIO='1') to IO-Link mode (CCTL:SIO='0') is made during the WAIT
condition when a valid message is detected from the master.
A switch from IO-Link mode to SIO mode is typically made shortly after the device response for the FALLBACK
command has been sent. The switches themselves are, however, only activated by the microcontroller after the
period defined in the IO-Link specification.
The L6364 may be switched from SIO mode to IO-Link mode at any time without disturbing data reception or
transmission. A switch from IO-Link mode to SIO mode may disturb data reception if a master is in the process of
transmitting, and the UART is therefore reset if this occurs.
L6364
Multi-octet UART mode
DS13363 - Rev 4
page 18/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com