Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics L6364 Datasheet HTML 13Page - STMicroelectronics L6364 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VV3V3
Regulator output voltage
0 mA < IV3V3 <50 mA
3.0
3.3
3.6
V
VV5V
Regulator output voltage
0 mA < IV5V < 50 mA
4.5
5.0
5.5
V
IPD5V
Pull-down current of V5V
pin
50
100
200
μA
VUV
Undervoltage detect
see Table 29, VUV < 10 V
UVSET-1
UVSET
UVSET+1
V
VUV ≥ 10 V
UVSET-10%
UVSET
UVSET+10%
V
Table 14. DC-DC supply
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VVPLUS
Supply voltage
VVPLUS > target Output
voltage of DC-DC
(see Table 31. DC-DC
output voltage, VSET)
35
V
VDIODE
Voltage drop on internal
diode between VPLUS and
DOUT pins
IDIODE = 20 mA
850
mV
IOUT
DC-DC Output current
50
mA
|VSET_TOL|
VSET tolerance
see Table 31. DC-DC
output voltage, VSET
-10%
VSET_NOM
+10%
V
tVSET
VSET step size
52
µs
∆tVSET
VSET range delay
VSET_MIN
⇄ VSET_MAX
7*tVSET_MIN
7*tVSET_MAX
µs
RDCDC
Output voltage load
regulation
0 - 50 mA
2
Ω
ISTARTUP
Startup current
From pin VPLUS, See
Section 17.3.1
50
80
140
mA
VSTARTUP
Startup voltage
On pin VDCDC, See
Section 17.3.1
7.5
8.0
8.5
V
VVPLUSDCMIN
DC-DC operation start
7.0
8.0
9.0
V
VDCMIN
Minimum internal core
voltage to enable DC-DC
2.8
V
fDCDC
Operating frequency
see Table 30
-10%
fSET
+10%
kHz
RHIGH
High side resistance
3.3
6.6
20
Ω
RLOW
Low side resistance
4.5
7.2
20
Ω
ILIMIT
ILIMIT in inductor
70
90
mA
RSHUNT
Sense resistance
0.6
1
1.5
Ω
L6364
Electrical Characteristics
DS13363 - Rev 4
page 10/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com