Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 1 Page - STMicroelectronics

  L6364 Datasheet HTML 1Page - STMicroelectronics L6364 Datasheet HTML 2Page - STMicroelectronics L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Features
•
Supply voltage from 5 V to 35 V
•
2.5 V to 5 V compatible I/Os
•
3.3 V and 5 V, 50 mA linear regulators
•
50 mA DC-DC regulator with configurable frequency (0.5 MHz to 2 MHz) &
voltage (5 V to 10.5 V)
•
Low dissipative (5 Ω) CQ and DIO output stages configurable in high side, low
side, push/pull
•
Configurable reporting threshold (0.11 A to 0.25 A) of current limitation for CQ
and DIO lines
•
Configurable reporting threshold (0.22 A to 0.5 A) of current limitation for
CQ//DIO line (Join Mode)
•
Fully protected:
–
Embedded reverse polarisation diode (DOUT pin)
–
Full zero current reverse polarity between VPLUS, CQ, DIO and PGND pins
–
Configurable (up to 216°C) thermal shutdown threshold
–
7-bit, calibrated, temperature measurement
–
Configurable (6.0 V to 15 V) VPLUS undervoltage detection
–
CQ and DIO short-circuit current limit and reporting
•
-40 to +150°C operating temperature
•
Suitable to drive L, C and R loads
•
Quartz-free IO-Link clock extraction and timing generation at COM2 (38.4k
Baud) and COM3 (230.4k Baud)
•
Integrated UART peripheral with M-sequence handling (inc. checksum) for all
IO-Link sequences according to specification v1.1
•
Multi octet UART mode for M-sequence size up to 15 octets
•
Single octet UART mode for unlimited M-sequence size and continuous data
transfer
•
Transparent UART mode for special applications
•
CQ and DIO switching time = 100 ns (2 kΩ//2.2 nF load)
•
8 V Zener limits for fast demagnetization of inductive loads
•
Two LED drivers with configurable (up to 8 mA) current
•
Design to meet application requirements:
–
ESD IEC 61000-4-2 protection to 4 kV
–
EMC protection against surge (500 Ω coupling) above ±2A/50 μs
•
Smart format QFN-20L 4x4 mm and CSP-19 2.5x2.5 mm packages
Application
•
Industrial sensors
•
Factory automation
•
Process control
Product status link
L6364
Product summary
Order code
L6364Q
L6364W
Package
QFN 20L
CSP 19
Packing
Tape & Reel Tape & Reel
Dual channel transceiver IC for SIO and IO-Link sensor applications
L6364
Datasheet
DS13363 - Rev 4 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L6364

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6364 STMICROELECTRONICS-L6364 Datasheet
1Mb / 5P
IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
09-Sep-2024
L6364Q STMICROELECTRONICS-L6364Q Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
L6364Q STMICROELECTRONICS-L6364Q Datasheet
926Kb / 4P
STM32 Nucleo pack for IO-Link device applications based on L6364Q transceiver, industrial sensors and STM32L452RE MCU
04-Dec-2020
L6364W STMICROELECTRONICS-L6364W Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
More results

Similar Description - L6364

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
ELMOS Semiconductor AG
E981.10 ELMOS-E981.10 Datasheet
881Kb / 19P
BASIC IO-LINK TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com