Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 45Page - STMicroelectronics L6364 Datasheet HTML 46Page - STMicroelectronics L6364 Datasheet HTML 47Page - STMicroelectronics L6364 Datasheet HTML 48Page - STMicroelectronics L6364 Datasheet HTML 49Page - STMicroelectronics L6364 Datasheet HTML 50Page - STMicroelectronics L6364 Datasheet HTML 51Page - STMicroelectronics L6364 Datasheet HTML 52Page - STMicroelectronics L6364 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
24
QFN20L Package and Packing Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages
have a Lead-free second level interconnect. The category of second level interconnect is marked on the package
and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Figure 25. QFN20L mechanical drawings
Table 33. QFN20L Dimensions [mm]
SYMBOL
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
A1
0.02
A2
0.65
1.00
A3
0.25
b
0.18
0.23
0.30
D
3.85
4.00
4.15
D2
2.60
2.70
2.80
E
3.85
4.00
4.15
E2
2.60
2.70
2.80
e
0.45
0.50
0.55
L
0.30
0.40
0.50
ddd
0.08
L6364
QFN20L Package and Packing
Mechanical Data
DS13363 - Rev 4
page 49/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com