Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 50Page - STMicroelectronics L6364 Datasheet HTML 51Page - STMicroelectronics L6364 Datasheet HTML 52Page - STMicroelectronics L6364 Datasheet HTML 53Page - STMicroelectronics L6364 Datasheet HTML 54Page - STMicroelectronics L6364 Datasheet HTML 55Page - STMicroelectronics L6364 Datasheet HTML 56Page - STMicroelectronics L6364 Datasheet HTML 57Page - STMicroelectronics L6364 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
Revision history
Table 36. Document revision history
Date
Version
Changes
11-Aug-2020
1
Initial release.
21-Oct-2020
2
Replaced Figure 1, Figure 2, Section 21 , Section 21 , Figure 20, Figure 21
and Figure 22 added Figure 23 and Figure 24.
30-Jul-2021
3
Added CSP information: front page, package pin-out and pin description
Section 3 , thermal data Section 4.2 , mechanical drawings Section 24 and
packing information Section 24 .
Added the maximum value for CDOUT Section 4.3 .
Wake-up detection: changed NRETRY to NSHORT symbol in Table 6
Section 4.4 ; added Figure 3 and rephrased chapter 9 Section 10 .
Surge protection: reworked information in Table 9 Section 4.4 with
VSURGE(LEAKAGE) and VSURGE(THRESHOLD) parameters.
Reworked register map style of Table 32 Section 21 .
25-Oct-2021
4
In front page, added packing information in Product summary table.
Extended product description and moved from front page to chapter 1.
Deleted VDCDC_3V3_MIN from Table 4. Recommended operating conditions.
Added note about VDIG voltage rail compatibility in table Section 3 Package
and pin-out and in Section 6 SPI Communication.
Added RTH(JA) in JEDEC conditions in Section 4.2 Thermal Characteristics.
Rephrased description of Join and DIO modes in chapter 6 Section 7 DIO
pin.
Rephrased chapters Section 8.1.8 Interrupt handler structure and
Section 8.2.2 Receive mode
Fixed input voltage value in Section 17.2 Converter architecture.
Updated chapter Section 19 Power dissipation and Figure 18. Example of
thermal power dissipation estimation.
Updated packing information of QFN20L (Figure 27. QFN20L, Packing
information (drawing and dimension [mm])) and CSP19 (Section 24 ).
L6364
DS13363 - Rev 4
page 54/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com