Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 52Page - STMicroelectronics L6364 Datasheet HTML 53Page - STMicroelectronics L6364 Datasheet HTML 54Page - STMicroelectronics L6364 Datasheet HTML 55Page - STMicroelectronics L6364 Datasheet HTML 56Page - STMicroelectronics L6364 Datasheet HTML 57Page - STMicroelectronics L6364 Datasheet HTML 58Page - STMicroelectronics L6364 Datasheet HTML 59Page - STMicroelectronics L6364 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
List of tables
Table 1.
Pin Description ..................................................................... 5
Table 2.
Absolute maximum ratings ............................................................. 6
Table 3.
Thermal data....................................................................... 6
Table 4.
Recommended operating conditions....................................................... 6
Table 5.
Receiver CQ/DIO.................................................................... 7
Table 6.
Short-circuit and Wake-up detection ....................................................... 8
Table 7.
POR (Power On Reset) ............................................................... 8
Table 8.
Output switches individual channels CQ/DIO ................................................. 8
Table 9.
Line surge protection, parameters with respect to any pair PGND, CQ, DIO, VPLUS ...................... 9
Table 10.
Thermal shutdown ................................................................... 9
Table 11.
Digital pins ........................................................................ 9
Table 12.
LED Driver ........................................................................ 9
Table 13.
Linear regulators .................................................................... 9
Table 14.
DC-DC supply ..................................................................... 10
Table 15.
L6364 Reset conditions .............................................................. 11
Table 16.
DIO control via SPI-DCTL:EXT=’0’ ...................................................... 14
Table 17.
Direct DIO control via pin CTLD – DCTL:EXT=’1’ ............................................. 14
Table 18.
Pin dual use in transparent mode ........................................................ 22
Table 19.
Transparent mode operation ........................................................... 23
Table 20.
UART frame definition ............................................................... 24
Table 21.
M-sequence control (MC) octet ......................................................... 24
Table 22.
Checksum/M-sequence type (CKT) octet .................................................. 24
Table 23.
Receive M-sequence lengths........................................................... 25
Table 24.
Permissible values of MSEQ:OD1 and MSEQ:OD2 ........................................... 25
Table 25.
Example M2CNT, OD1 and OD2 registers setting............................................. 26
Table 26.
Checksum compaction ............................................................... 27
Table 27.
Checksum/status (CKS) octet .......................................................... 27
Table 28.
DC short-circuit threshold current, ISET, CQ and DIO .......................................... 29
Table 29.
Undervoltage threshold............................................................... 31
Table 30.
DC-DC converter nominal operating frequency, FSET .......................................... 36
Table 31.
DC-DC output voltage, VSET ........................................................... 36
Table 32.
Register map...................................................................... 43
Table 33.
QFN20L Dimensions [mm] ............................................................ 49
Table 34.
QFN20L, Packing information (additional dimension info [mm]) ................................... 51
Table 35.
CSP19 Dimensions [mm] ............................................................. 52
Table 36.
Document revision history ............................................................. 54
L6364
List of tables
DS13363 - Rev 4
page 58/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com