Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics L6364 Datasheet HTML 13Page - STMicroelectronics L6364 Datasheet HTML 14Page - STMicroelectronics L6364 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
5
Startup
At startup, power is applied via the cable on VPLUS. The embedded Power-On-Reset (POR) circuit ensures the
proper startup of the L6364 with the output switches initially in a high impedance state. The device core of the
L6364, including the control for the 5 V regulator, is supplied by the V3V3 supply.
The SPI communication logic is reset whenever SS='1' and is independent of the L6364 power on reset itself.
It is therefore possible to read the SPI register values even when the L6364 is in reset. In particular, the
STATUS:RST bit is read as part of the STATUS byte on every SPI access.
This bit is cleared when the device is in reset, or when the device has been reset. This status information can be
used as set out in Table 15 to determine the L6364 reset state, and also to react to unexpected reset conditions.
Table 15. L6364 Reset conditions
Device state
STATUS:RST
INT
Comment
Power-On-Reset (POR)
0
0
L6364 is in power on reset (checked at the start of the SPI
access). Only the STATUS:RST bit is valid. The microcontroller
may wait for a high level on INT before proceeding.
Device reset (post POR)
0
1
L6364 has been reset, and the INT line is forced high. Write
STATUS:RST='1' to allow normal operation of the L6364.
Operation
1
X
Normal operation
The microcontroller should initialize the state of the internal registers to the desired values after reset.
L6364
Startup
DS13363 - Rev 4
page 11/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com