Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 35Page - STMicroelectronics L6364 Datasheet HTML 36Page - STMicroelectronics L6364 Datasheet HTML 37Page - STMicroelectronics L6364 Datasheet HTML 38Page - STMicroelectronics L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
This results in a constant current output behavior with a variable frequency switching (see Figure 16). The
operating current and external components should be chosen to avoid this behavior under normal conditions.
Figure 16. Overcurrent operation
Coil
Current
ILIMIT
time
time
IOPMAX
ILIMIT
IOP
1/fSET
active
active
waiting
waiting
a)
Overcurrent
operation
b)
Normal
operation
For coil protection purposes, the maximum duty is further limited by the L6364 in relation to the supply voltage so
that the maximum coil current rise in one cycle is limited to:
DMAX
≾ 19.2 V / VVPLUS ⇒ Δ I ≾ 19.2V / (fSET × LCOIL)
For fSET= 1 MHz, LCOIL= 220 μH
⇒ ΔI<=87mA.
17.4.3
Capacitive blocking of DOUT
CDOUT provides capacitive isolation of the VPLUS supply from the DC-DC regulator. A minimum value, see
Table 5. Receiver CQ/DIO, is required to correctly supply the transient currents when the DC-DC converter
switches pin LOUT, and at low output currents where there is a negative current in the coil in part of the cycle. The
value may, however, be increased to provide additional isolation from input voltage ripple on VPLUS.
L6364
Converter external component consideration
DS13363 - Rev 4
page 39/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com