Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 36Page - STMicroelectronics L6364 Datasheet HTML 37Page - STMicroelectronics L6364 Datasheet HTML 38Page - STMicroelectronics L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics L6364 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
18
Linear regulators
In addition to the DC-DC regulator, the L6364 includes two 50 mA linear regulators supplied from the VDCDC pin,
which have internally set output levels at 3.3 V (V3V3 pin) and 5.0 V (V5V pin). The 3.3 V linear regulator acts as
the master, and the 5.0 V linear regulator as the slave.
The start-up time of the 5.0 V linear regulator is thus dependent on the 3.3 V level, and on the size of the 3.3 V
line capacitance, CV3V3. The regulators' dynamic start-up behaviour under different conditions of load capacitance
can be seen in Figure 17.
A typical load of 10mA, a supply voltage of 24 V with a rise time of 2.4 V/μs on pin VPLUS were used.
The core of the L6364 device is supplied by the V3V3 rail, and thus an external blocking capacitor CV3V3 for
stable operation is required and is mandatory. A maximum static load, equivalent to a resistor RSTART_MIN, may
be drawn externally on V3V3 during startup. A static load is the current which would be drawn continuously by the
application circuit if the output voltage, VSNS, were held at a fixed level. A load in excess of this level may block
the startup.
A higher dynamic load (eg. capacitor charging) is permitted. Dynamic loads affect (slow) the start, but do not block
startup.
In normal operation the consumption of the L6364 itself is limited to the quiescent current, IQUIES. During startup,
the static load contributed by the L6364 on the supply is limited to IQUIES_START. The actual load is increased by
the current drawn to charge the application capacitors and any external loads.
Figure 17. L6364 linear regulators' startup under different conditions of load capacitance
3.3V Linear Regulator Startup, Load = 10mA, Temp = 27°C
5.0V Linear Regulator Startup, Load = 10mA, Temp = 27°C
The 5.0 V regulator output is not used internally and is provided for external use. When in use, an external
blocking capacitor CV5V must be provided for stable operation, and the input supply range must be sufficient
(VVPLUS > VSUP in pure mode or VDCDC > VDCDC_5V_MIN for DC-DC operation).
When the 5.0 V linear regulator is not in use, either permanently or periodically, then this block may be placed in a
power-down state by setting bit CFG:PD5V.
When this bit is set to '1', the 5.0 V regulator is placed in power-down and the output pin, V5V, is pulled low with a
discharge current of IPD5V.
This ensures capacitances on the line are discharged cleanly, and that the output is tied to a known state.
L6364
Linear regulators
DS13363 - Rev 4
page 40/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com