Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics L6364 Datasheet HTML 44Page - STMicroelectronics L6364 Datasheet HTML 45Page - STMicroelectronics L6364 Datasheet HTML 46Page - STMicroelectronics L6364 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
21
Register Map
Table 32. Register map
Register
name
Register
address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MSEQ
0x00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
OD1[1]
OD1[0]
M2CNT[3] M2CNT[2] M2CNT[1] M2CNT[0]
OD2[1]
OD2[0]
00:
Backwards
compatibility
expected octet count on read
00:
1 octet on-demand
data
01:
2 octets on-demand
data
01:
2 octets on-demand
data
10:
8 octets on-demand
data
10:
8 octets on-demand
data
11:
reserved
11:
reserved
type 1
type 2
CFG
0x01
R/W
R/W
R/W
R/W
R/W
R/W
R
R
UVT[2]
UVT[1]
UVT[0]
BD
RF
PD5V
0
0
Set UVLO signalization threshold,
see Table 29. Undervoltage
threshold
0: Baud
rate = 38.4
kbaud
0:
absolute
CQ/DIO
comparato
r ref. level
0: 5V
regulator
active
N/A
N/A
1: Baud
rate =
230.4
kbaud
1: CQ/DIO
comparato
r ref. level
at
VVPLUS/1.
8
1: 5V
regulator
inactive
CCTL
0x02
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TRNS
SCT[2]
SCT[1]
SCT[0]
SGL
SIO
HS
LS
1: set
transparen
t mode
Set overcurrent signalization level,
see Table 28. DC short-circuit
threshold current, ISET, CQ and
DIO
1: Single
octet
UART
mode
1: SIO
mode
requested
1: enables
CQ HS
switch
1: enables
CQ LS
switch
DCTL
0x03
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EXT
SCT[2]
SCT[1]
SCT[0]
IEN
DIO
HS
LS
1: enable
use of
CTLD pin
Set overcurrent signalization level,
see Table 28. DC short-circuit
threshold current, ISET, CQ and
DIO
1: Level
change
interrupt
enable
1: DIO
mode
requested
1: enables
DIO HS
switch
1: enables
DIO LS
switch
LINK
0x04
R
R
R/W
R/W
R/W
R/W
W
W
0
0
CNT [3]
CNT [2]
CNT [1]
CNT [0]
END
SND
L6364
Register Map
DS13363 - Rev 4
page 43/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com