Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 52Page - STMicroelectronics L6364 Datasheet HTML 53Page - STMicroelectronics L6364 Datasheet HTML 54Page - STMicroelectronics L6364 Datasheet HTML 55Page - STMicroelectronics L6364 Datasheet HTML 56Page - STMicroelectronics L6364 Datasheet HTML 57Page - STMicroelectronics L6364 Datasheet HTML 58Page - STMicroelectronics L6364 Datasheet HTML 59Page - STMicroelectronics L6364 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
List of figures
Figure 1.
Block Diagram .................................................................... 3
Figure 2.
Package and pin-out - QFN ........................................................... 4
Figure 3.
Package and pin-out - CSP ........................................................... 4
Figure 4.
Example of Wake-up sequence timing (VCQ = green plot; ICQ = red plot; VINT = Yellow) .................. 8
Figure 5.
Register programming. ............................................................. 12
Figure 6.
Single byte and sequential byte accesses ................................................ 13
Figure 7.
IO-Link UART peripheral state machine .................................................. 17
Figure 8.
Single octet UART mode state diagram .................................................. 21
Figure 9.
Illustration of operation in transparent mode ............................................... 22
Figure 10.
Wake-up time diagram.............................................................. 29
Figure 11.
L6364 temperature measurement ...................................................... 33
Figure 12.
L6364 thermal shutdown configuration................................................... 34
Figure 13.
L6364 LED currents ............................................................... 35
Figure 14.
Block diagram of DC-DC converter ..................................................... 37
Figure 15.
Minimum supply voltage ............................................................ 38
Figure 16.
Overcurrent operation .............................................................. 39
Figure 17.
L6364 linear regulators' startup under different conditions of load capacitance ....................... 40
Figure 18.
Example of thermal power dissipation estimation ........................................... 41
Figure 19.
Surge waveform .................................................................. 42
Figure 20.
Detailed block diagram, showing register field connections..................................... 46
Figure 21.
Application example: DC-DC disabled, CQ and DIO coupled (Join Mode), VSENSOR = 5 V, VMCU = VDIG = 3.3 V
.............................................................................. 47
Figure 22.
Application example: DC-DC enabled, CQ and DIO coupled (Join Mode), VSENSOR = VMCU = VDIG = 5.0 V .. 47
Figure 23.
Application example: DC-DC disabled, CQ as line driver, DIO as load driver, VSENSOR = 5.0 V, VMCU = VDIG = 3.3
V ............................................................................ 48
Figure 24.
Application example: DC-DC enabled, CQ and DIO as independent line drivers, VSENSOR > 5.0 V, VMCU = VDIG =
5.0 V ......................................................................... 48
Figure 25.
QFN20L mechanical drawings ........................................................ 49
Figure 26.
QFN20L Suggested footprint ......................................................... 50
Figure 27.
QFN20L, Packing information (drawing and dimension [mm]) ................................... 50
Figure 28.
CSP19 Mechanical drawings ......................................................... 52
Figure 29.
CSP19 Suggested footprint .......................................................... 53
Figure 30.
CSP19, Packing Information (drawing and dimension [mm]) .................................... 53
L6364
List of figures
DS13363 - Rev 4
page 59/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com