Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 2Page - STMicroelectronics L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
4
Technical Data
4.1
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied. All voltages are referenced to GND unless otherwise specified.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VVPLUS, VCQ, VDIO
Pin Voltage (steady-state)
- 35 to + 35
V
Pin Voltage (during surge pulse transient with 500 Ω
coupling, ISURGE < ± 3 APK)
- 45 to + 45
VV5V
5V voltage pin
- 1 to 7
V
VV3V3
3.3V voltage pin
- 1 to 5
V
VDIG, VLED1, VLED2
Digital pins (SPI, CTLD, INT, VDIG) and LED pins
- 1 to 7
V
VESD
Electrostatic protection (HBM)
2
kV
PD
Power Dissipation
Internally limited
W
TLEAD
Soldering temp. (20-40sec, cf. JEDEC J-STD-020C)
260
°C
TSTOR
Storage Temperature Range
-40 to 150
°C
Operation above the absolute maximum ratings may lead to instantaneous device failure. Operation of the L6364
between the operating ratings and the absolute maximum ratings leads to a reduced operating lifetime.
4.2
Thermal Characteristics
Table 3. Thermal data
Symbol
Parameter
Value
Unit
QFN20L
CSP19
Rth(JA)
Thermal resistance junction-ambient on evaluation boards(1)
54
80
°C/W
Thermal resistance junction-ambient as per JEDEC specification
(JESD51-7) (2)
38
43.4
1. 2s, FR4, Cu thickness = 35 μm
2. 2s2p, FR4 under still air conditions
4.3
Recommended operating conditioning
Table 4. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
IQUIES
Operating current supply, no pin currents, DC-DC enables
3.0
3.5
mA
IQUIES_START
Operating current supply on pin VPLUS during startup
10
mA
VSUP
VPLUS supply voltage, IV3v3= 50 mA, (DC-DC disabled)
4.5
24
35
V
L6364
Technical Data
DS13363 - Rev 4
page 6/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com