Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics L6364 Datasheet HTML 44Page - STMicroelectronics L6364 Datasheet HTML 45Page - STMicroelectronics L6364 Datasheet HTML 46Page - STMicroelectronics L6364 Datasheet HTML 47Page - STMicroelectronics L6364 Datasheet HTML 48Page - STMicroelectronics L6364 Datasheet HTML 49Page - STMicroelectronics L6364 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
22
Detailed block diagram
Figure 20 shows the details of the internal blocks of the L6364, and indicates which blocks the register fields act
on, or are generated by.
Figure 20. Detailed block diagram, showing register field connections
VDCDC
LOUT
DOUT
INT
Registers
SCK
MISO
MOSI
SS
VDIG
5.0V lin.reg
3.3V lin.reg
Vbg
V5V
V3V3
Short
detector
LED1
LED2
LED Driver
DC-DC
DC-DC
VPLUS
Surge
CQ
DIO
PGND
GND
L6364
CFG:PD5V
CFG:PD5V
DCDC:BYP
DCDC:FSET[2:0]
DCDC:VSET[2:0]
CTLD
PLL
M-seq control
IO-LINK
power on reset
(POR)
voltage ref.
(bandgap)
temperature
sensor
over-temp
shutdown ctl
oscillator
JOIN/DIO logic
V doubler
sigout
Short
detector
Vbg
CQ
DIO
DSTAT:LVL
LED:LED1[3:0]
LED:LED2[3:0]
Vbg
Vbg
under-voltage
V3V3
VDCMIN
CFG:UVT[2:0]
STATUS:UV
TEMP:TEMP[6:0]
STATUS:SOT
DIO CTRL
CFG:RF
DCTL:SCT[2:0]
DSTAT:SSC
CCTL:SCT[2:0]
STATUS:SSC
THERM:AUT
THERM:TH[4:0]
DCTL:LS
DCTL:EXT
DCTL:IEN
DCTL:DIO
DCTL:HS
STATUS:RST
STATUS:DAT
STATUS:CHK
CFG:BD
MSEQ:M2CNT[3:0]
MSEQ:OD1, OD2
CCTL:SGL
CCTL:SIO
CCTL:HS
CCTL:LS
CCTL:TRANS
LINK:CNT[3:0]
LINK:END
LINK:SND
STATUS:DINT
Support
L6364
Detailed block diagram
DS13363 - Rev 4
page 46/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com