Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics L6364 Datasheet HTML 44Page - STMicroelectronics L6364 Datasheet HTML 45Page - STMicroelectronics L6364 Datasheet HTML 46Page - STMicroelectronics L6364 Datasheet HTML 47Page - STMicroelectronics L6364 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Register
name
Register
address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LINK
0x04
N/A
N/A
Data buffer fill count(1).
1: declines
sending
response
1: sends
IO-
Link respo
nse
immediatel
y
THERM
0x05
R/W
R
R
R/W
R/W
R/W
R/W
R/W
AUT
0
0
TH [4]
TH [3]
TH [2]
TH [1]
TH [0]
0:
automatic
thermal
control on
N/A
N/A
Set thermal shutdown threshold see Figure 12. L6364 thermal
shutdown configuration
1:
automatic
thermal
control off
TEMP
0x06
R
R
R
R
R
R
R
R
0
TEMP [6]
TEMP [5]
TEMP [4]
TEMP [3]
TEMP [2]
TEMP [1]
TEMP [0]
N/A
IC internal temperature see Figure 11. L6364 temperature measurement
LED
0x07
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LED1 [3]
LED1 [2]
LED1 [1]
LED1 [0]
LED2 [3]
LED2 [2]
LED2 [1]
LED2 [0]
See Figure 13. L6364 LED currents
DCDC
0x08
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DIS
BYP
FSET [2]
FSET [1]
FSET [0]
VSET [2]
VSET [1]
VSET [0]
1: Disable
DC-DC
converter
1: Bypass
DC-DC
converter
Set DC-DC switching frequency, see
Table 30. DC-DC converter nominal
operating frequency, FSET
Set DC-DC output voltage, see
Table 31. DC-DC output voltage,
VSET
DSTAT
0x09
R
R
R
R
R
R
R
R
1
0
0
0
0
LVL
SSC
0
N/A
N/A
N/A
N/A
N/A
1: DIO
Line level
1: Short
circuit
triggered
N/A
STATUS
0x0A
R/W
R
R
R
R
R
R
R
RST
INT
UV
DINT
CHK
DAT
SSC
SOT
0:
following
reset even
t
1: when
interrupt
active
prior to
SPI read
1: UVLO
triggered
1: DIO
interrupt
triggered
1:
checksum
or parity
error
triggered
1: IO-Link
machine
waiting to
transmit
1: Short
circuit
triggered
1: Over-
temperatur
e triggered
1: set by
writing this
bit
LINK2(2)
0x0F
R
R
R/W
R/W
R/W
R/W
W
W
0
0
CNT [3]
CNT [2]
CNT [1]
CNT [0]
END
SND
L6364
Register Map
DS13363 - Rev 4
page 44/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com