Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics L6364 Datasheet HTML 23Page - STMicroelectronics L6364 Datasheet HTML 24Page - STMicroelectronics L6364 Datasheet HTML 25Page - STMicroelectronics L6364 Datasheet HTML 26Page - STMicroelectronics L6364 Datasheet HTML 27Page - STMicroelectronics L6364 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
9
IO-Link physical layer
9.1
UART frame
Table 20. UART frame definition
Bit#
Significance
Level
1
START
0
2
LSB
b0
3
b1
4
b2
5
b3
6
b4
7
b5
8
b6
9
MSB
b7
10
PARITY
P
11
STOP
1
A logic '1' is transmitted as a low level on the CQ line, and a logic '0' is transmitted as a high level on the line. The
idle state for the CQ line is low.
Even parity is used, that is, there is always an even number of logical '1' bits in the 9 bit concatenation of the data
bits b[7:0] and the parity bit.
9.2
M-sequence interpretation
The data direction is derived from the MSB of the first octet of the master message, M-sequence control (MC),
where a ‘1’ denotes a read operation and a '0' a write.
Table 21. M-sequence control (MC) octet
MSB
LSB
R/W
Comm chan.
Address
The M-sequence type is derived from bits [7:6] of the second octet of the master message, “Checksum/
Msequence type” (CKT), which have permissible values of 2'b00, 2'b01, or 2'b10, and denotes whether the
structure of the message is of Type 0, Type 1 or Type 2.
Table 22. Checksum/M-sequence type (CKT) octet
MSB
LSB
M-seq. type
Checksum
The total length of the received M-sequence is determined according to Table 23 and is dependent on the
M-sequence type and on the transfer direction (READ or WRITE).
L6364
IO-Link physical layer
DS13363 - Rev 4
page 24/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com