Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 16Page - STMicroelectronics L6364 Datasheet HTML 17Page - STMicroelectronics L6364 Datasheet HTML 18Page - STMicroelectronics L6364 Datasheet HTML 19Page - STMicroelectronics L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics L6364 Datasheet HTML 23Page - STMicroelectronics L6364 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
In SIOListen mode a received UART frame is only reported if the parity and stop bits are correct. The
microcontroller must switch from SIO mode to IO-Link mode after reception of a valid UART frame before
responding with LINK:END, otherwise the L6364 returns to SIO mode conflicting with the further master
transmission.
8.2.3
Transmit mode
Transmit mode is entered when the microcontroller writes FR0 while the L6364 is in the Receive wait state.
The UART reads this value from the FR0 register, emptying the buffer, and starts transmitting. The L6364 enters
the Transmit wait state.
The L6364 provides a single octet data buffer and requests further data whenever this buffer is empty, including
during the transmission of the previous octet. It is only necessary to ensure that this buffer is refilled before the
UART needs to send the next octet.
The maximum allowed time between the starts of two subsequent frames on IO-Link is 11 TBIT frame + 3 TBIT
pause = 14 TBIT, which at 230.4kBaud gives a period of 60 μs for the 16 bit SPI access. At 4 MHz SPI this
corresponds to an SPI delay of 4 μs.
In Transmit mode the L6364 has the following states:
•
Transmit wait: The L6364 requests a new octet by sending a data interrupt (STATUS:DAT='1').
The L6364 is waiting for a response from the microcontroller, which either writes FR0 with a new octet to
continue transmission, or LINK:END to terminate transmission.
•
Transmitting (buffer empty): The UART sends the current octet.
A further response is requested from the microcontroller, by sending a data interrupt (STATUS:DAT='1'). If
the microcontroller provides a further octet, this is placed in the buffer and the state changes to Transmitting
(buffer full), if the microcontroller writes LINK:END, then the state changes to Transmitting (terminating).
If the microcontroller does not provide an octet before the UART transmission completes, then the state
changes to Transmit wait.
•
Transmitting (buffer full): The UART sends the current octet. On completion, it sources the next octet from
the buffer, and the state changes to Transmitting (buffer empty).
•
Transmitting (terminating): The UART sends the current octet. On completion, the PHY returns to idle.
8.2.4
Timing errors in transmit
The microcontroller can cause a timing error in Transmit mode if the delay in response is too long. These errors
are not monitored by the L6364. A minimum inter-frame time delay of 1xTBIT is, however, guaranteed by the
L6364.
8.2.5
Error condition in transmit
Error conditions are reported to the microcontroller as either short-circuit (STATUS:SSC='1', reported following a
delay of tRETRY), or overtemperature (STATUS:SOT='1').
The conditions are handled autonomously by the L6364 and no intervention by the microcontroller is necessary.
The normal data flow is preserved and the L6364 requests further octets from the microcontroller as if the error
were not present.
These octets are silently dropped and no attempt is made to transmit them. Under error conditions, then
transmission may be terminated by the microcontroller using LINK:END='1'.
L6364
Single octet UART mode
DS13363 - Rev 4
page 20/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com