Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 38Page - STMicroelectronics L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics L6364 Datasheet HTML 44Page - STMicroelectronics L6364 Datasheet HTML 45Page - STMicroelectronics L6364 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
20
Surge pulse and reverse polarity protections
The PGND, CQ, DIO and VPLUS pins are fully protected by a surge protection, to withstand an asymmetric surge
between any pair of these pins according to IEC 60255-5, i.e. > 2 APK (up to 3 APK) for a half-time of 50 μs.
Note that the surge stimulus is applied between the pins, rather than in common mode. This subjects the device
under test to the current ratings shown in Figure 19.
Figure 19. Surge waveform
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
20
40
60
80
100
120
140
t (µs)
The surge protection provides a Zener like action with a protection threshold of VVSURGE(CLAMP), deliberately
chosen to be in excess of the normal operating voltages of the L6364.
Once the surge disturbance is complete, the line voltages recover to normal levels and the Zener protection
automatically ceases to conduct.
This protection style is preferred over an active snap-back protection which may continue to conduct when the
operating voltages return to their nominal conditions.
Further external surge protections are compatible with the internal protections where compliance to standards
exceeding the demands of IEC 60255-5 are required.
Reverse polarization protection is included in the L6364. When V3V3 is not supplied (VVPLUS ≤ VPGND) minimal
currents, IPLUSREV, flow between any pair of the pins, up to a maximum voltage difference between any pair of
pins of 35 V.
Note:
if the L6364 is rapidly switched from a correctly polarized condition to a reverse polarized condition, such that
the CV3V3 capacitor remains charged, then the Zener function of the CQ output causes a destructive current to
flow.
Sufficient time should be allowed (ms) during testing of the reverse polarization function to allow CV3V3 to
discharge.
L6364
Surge pulse and reverse polarity protections
DS13363 - Rev 4
page 42/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com