Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics L6364 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Table 9. Line surge protection, parameters with respect to any pair PGND, CQ, DIO, VPLUS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSURGE(LEAKAGE
)
Internal Surge clamps leakage
V = ±35 V
10
40
μA
VSURGE(THRESHO
LD)
Internal Surge clamps
activation threshold
I = ±100mA
±35
±40
±45
V
Table 10. Thermal shutdown
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
εT
Temperature accuracy
150°C
-10
10
°C
εT
Temperature accuracy
30°C
-5
5
°C
ΘHYST
Thermal hysteresis
10
°C
Table 11. Digital pins
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDIG
Voltage drop on digital pins
IDIG = -4 mA
0.5
V
VDL
Input low signal
0.15 VDIG
V
VDH
Input high signal
0.5 VDIG
V
tcl
Clock low phase
SCK
50
ns
tch
Clock high phase
SCK
50
ns
tms
Setup wrt. SCK
MOSI
10
ns
tmh
Hold wrt. SCK
MOSI
10
ns
tss
Setup wrt. SCK
SS
10
ns
tsh
Hold wrt. SCK
SS
10
ns
tmd
Output availability
MISO
18
40
ns
RPU
Pull-up resistance
SS, SCK, MOSI
50
200
kΩ
RPD
Pull-down resistance
CTLD
50
200
kΩ
Table 12. LED Driver
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ILED
Sink current base unit(1)
See Figure 13
-10%
0.5
+10%
mA
1. The current supplied by each LED pin can be configured between 0 to 8 mA by LED1[3:0] and LED2[3:0] of LED register
(address 0x07). One bit increment of LEDx[3:0] corresponds to +0.5 mA(typ).
Table 13. Linear regulators
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IPLUSREV
Power fail reverse leak
VDCDC = DOUT = 35 V
VPLUS = GND
10
μA
IOUT
Regulator output capability
Load on V3V3 or V5V pin
50
mA
RSTART_MIN
Startup static capability
67
Ω
L6364
Electrical Characteristics
DS13363 - Rev 4
page 9/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com