Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 24Page - STMicroelectronics L6364 Datasheet HTML 25Page - STMicroelectronics L6364 Datasheet HTML 26Page - STMicroelectronics L6364 Datasheet HTML 27Page - STMicroelectronics L6364 Datasheet HTML 28Page - STMicroelectronics L6364 Datasheet HTML 29Page - STMicroelectronics L6364 Datasheet HTML 30Page - STMicroelectronics L6364 Datasheet HTML 31Page - STMicroelectronics L6364 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
The data is sent by using push-pull operation of the output switches. Writing either the LINK:SND or LINK:END
bit clears the STATUS:DAT and STATUS:CHK status flags. The data output is synchronized using the internal PLL
clock.
As defined in the IO-Link specification v1.1, the device has a maximum of 10xTBIT periods to process the
incoming message and prepare the response. A delay of up to TBIT/16 can be incurred in the L6364 due to
synchronization with the internal PLL clock, leaving the microcontroller slightly less than 10xTBIT to respond.
9.6
Clock recovery
The L6364 has an internal RC clock with a nominal frequency of fCK. The filtered data line is monitored for
transitions while in the IOListen and SIOListen states.
When a first rising edge is seen, the internal PLL clock phase is aligned to the incoming data. The PLL clock
corrects its operational frequency on the detection of further rising edges.
See Section 8.2.7 regarding detailed operation in single octet mode. The clock correction has a resolution of
0.4%(TYP) and a stability of 1%(MAX) over the duration of a message.
L6364
Clock recovery
DS13363 - Rev 4
page 28/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com