Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 25Page - STMicroelectronics L6364 Datasheet HTML 26Page - STMicroelectronics L6364 Datasheet HTML 27Page - STMicroelectronics L6364 Datasheet HTML 28Page - STMicroelectronics L6364 Datasheet HTML 29Page - STMicroelectronics L6364 Datasheet HTML 30Page - STMicroelectronics L6364 Datasheet HTML 31Page - STMicroelectronics L6364 Datasheet HTML 32Page - STMicroelectronics L6364 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
10
Short-circuit detection
In the case of short-circuit or a wake-up request from the Master, the CQ (or DIO) current exceeds the configured
short-circuit threshold. If overload condition lasts longer than tSHORT (delay to filter-out any spurious transients),
the output transistors of the affected output are switched off.
In IO-Link mode, the event is signaled immediately to the microcontroller via the STATUS:SSC bit and an interrupt
is generated.
With CQ in SIO mode or with DIO in independent mode the line is reactivated with the delay tRETRY following the
initial overcurrent event (see Figure 10. Wake-up time diagram). If overload is still present, then it is signaled to
the microcontroller via STATUS:SSC bit and an interrupt is generated. The output stays switched-off for the time
tRESTART in order to allow reception of a valid IO-Link message or to protect the IC against overloading.
If the tRESTART time elapses without intervention by the microcontroller or without reception of a valid IO-Link
message, then the L6364 attempts to drive the line again. In the event of a continued overload, this cycle
repeats indefinitely. The described mechanism ensures detection of an IO-Link Master wake-up request while also
providing full protection of the IC in case of overload.
The short-circuit current thresholds are set by CCTL:SCT[2:0] and DCTL:SCT[2:0]. Where JOIN mode is
requested, the DCTL:SCT[2:0], DCTL:HS and DCTL:LS bits no longer have any effect on the output state or
short-circuit detection.
Table 28. DC short-circuit threshold current, ISET, CQ and DIO
CCTL:SCT, DCTL:SCT
Threshold
DIO/SIO
Threshold
JOIN mode
CCTL:SCT, DCTL:SCT
Threshold
DIO/SIO
Threshold
JOIN mode
decimal
(mA)
(mA)
decimal
(mA)
(mA)
4
110
220
0
190
380
5
130
260
1
210
420
6
150
300
2
230
460
7
170
340
3
250
500
Figure 10. Wake-up time diagram
L6364
Short-circuit detection
DS13363 - Rev 4
page 29/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com