Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 33Page - STMicroelectronics L6364 Datasheet HTML 34Page - STMicroelectronics L6364 Datasheet HTML 35Page - STMicroelectronics L6364 Datasheet HTML 36Page - STMicroelectronics L6364 Datasheet HTML 37Page - STMicroelectronics L6364 Datasheet HTML 38Page - STMicroelectronics L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Figure 14. Block diagram of DC-DC converter
VDCDC
LOUT
V5V
V3V3
VPLUS
PGND
GND
DCDC
PID
controller
DOUT
CDOUT
LDCDC
ISTARTUP
RSHUNT
5.0V lin.reg.
3.3V lin.reg.
CDCDC
This block also includes a sense resistor (RSHUNT) to measure the inductor current, a series diode to prevent
conduction during reverse polarization, and protection diodes to conduct residual inductor currents whenever
switching ceases.
The high-side switch is activated at the start of each cycle, and remains ON for a length of time determined by the
PID controller. This block monitors the voltages at VDCDC and VPLUS pins.
17.3
Converter operation
17.3.1
Startup
The converter operates only when the following operating conditions are met:
•
VV3V3 >VPOR (by means, bandgap is stable)
•
VVPLUS >VDCMIN (by means, oscillator toggling)
•
VVPLUS>VPLUSDCMIN
Operation outside these conditions is prevented to protect the IC and the surrounding circuit.
Initially the converter is in a STARTUP state. In this state an internal current source attempts to source a current
ISTARTUP from pin DOUT to pin LOUT.
Where LOUT is connected to VDCDC by an inductor, voltage at VDCDC pin is pulled up by this current: VDCDC
voltage rises until it reaches voltage VSTARTUP, where the source current is then regulated to maintain VDCDC
voltage at VSTARTUP. The converter remains in the STARTUP state until the operating conditions are met.
Bias is provided either by a HV bias circuit where the IC is in reset VV3V3 < VPOR, or by an LV bias circuit once
V3V3 is available. During the overlap period, the bias currents are doubled.
17.3.2
Entry to operation
Once the operating conditions are met, or when the DCDC:DIS bit is reset, then the converter passes through an
ARM state for 1 ms before starting operation. The switch controls are powered in this state, but set to OFF.
17.3.3
Leaving operation
If the operating conditions are no longer met, then the converter passes back through the ARM state to the
STARTUP state. If, however, the DCDC:DIS bit is set, then the converter passes back through the ARM state to
the SLEEP state. On leaving operation, any residual energy in the coil is conducted to VDCDC via the protection
diode between LOUT and PGND.
L6364
Converter operation
DS13363 - Rev 4
page 37/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com