Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 5 Page - STMicroelectronics

  L6364 Datasheet HTML 1Page - STMicroelectronics L6364 Datasheet HTML 2Page - STMicroelectronics L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Table 1. Pin Description
Group/Exposure
Pin number
(QFN)
Pin
number
(CSP)
Name
Function
Type (1)
Line (Process side)/
External
11
D1
VPLUS
Line supply voltage
PWR
14
B1
CQ
Line data signal SIO/SDCI
ANA IO
13
C1
DIO
Line data signal DI/DO
ANA IO
15
A1
PGND
Switch ground return
PWR
4, TAB
C5
GND
Ground
PWR
SPI, INT, CTLD
(Logic side)/Internal
17
A3
MOSI
SPI data, microcontroller to
L6364
CI
19
A4
SS
SPI synchronization, slave
select
CI
20
B4
SCK
SPI interface clock signal
CI
18
B3
MISO
SPI data, L6364 to
microcontroller
COZ
16
A2
INT
Interrupt
CO
1
A5
VDIG
Supply to IC internal IO
level shifting logic: usually
connected to the same supply
rail of the microcontroller. (2)
PWR
10
B2
CTLD
Direct control of DIO output
channel
CI
LED/External
6
C3
LED1
LED1 source current
ANA O
7
D5
LED2
LED2 source current
ANA O
Low voltage supply/
Internal
3
C4
V5V
Sensor and microcontroller
supply
PWR
2
B5
V3V3
PWR
DC-DC/Internal
9
D2
DOUT
VPLUS following diode
protections
ANA IO
8
D3
LOUT
Inductor power feed
ANA IO
5
D4
VDCDC
DC-DC supply output,
intermediate supply
PWR
Unused/Internal
12
C2
N/C
Not connected
-
1. PWR: power, CI: CMOS input, CO: CMOS output, COZ: output with tristate function, ANA IO: Analogue input output, ANA
O: Analogue output.
2. although the internal core of the IC is supplied by the V3V3, the full operation is guaranteed even when VDIG is connected
either to 2.5 V, 3.3 V, 5.0 V or 5.5V rail.
L6364
Package and pin-out
DS13363 - Rev 4
page 5/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com