Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics L6364 Datasheet HTML 23Page - STMicroelectronics L6364 Datasheet HTML 24Page - STMicroelectronics L6364 Datasheet HTML 25Page - STMicroelectronics L6364 Datasheet HTML 26Page - STMicroelectronics L6364 Datasheet HTML 27Page - STMicroelectronics L6364 Datasheet HTML 28Page - STMicroelectronics L6364 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Table 23. Receive M-sequence lengths
CKT:M-seq.type [7:6]
Received M-Sequence length
READ,
MC:R/W = '1'
WRITE,
MC:R/W = '0'
Type 0
00
2 octet
3 octet
Type 1
01
2 octet
2 octet + f(OD1)*
Type 2
10
M2CNT
M2CNT+ f(OD2)
f(OD1), f(OD2) and M2CNT are used to configure the L6364 for M-Sequence reception and are configured
through register MSEQ as follows:
•
f(OD1), f(OD2): defines the received number of on-demand octets, where support is only provided for
data widths of 1, 2 and 8 octets and not 32. The values are determined from MSEQ:OD1[1:0] for type 1
sequences and MSEQ:OD2[1:0] for type 2 sequences according to Table 24.
Table 24. Permissible values of MSEQ:OD1 and MSEQ:OD2
MSEQ:OD1[1:0]
f(OD1) (On-demand data)
MSEQ:OD2[1:0]
f(OD2) (On-demand data)
00
Illegal(*)
00
1 octet
01
2 octet
01
2 octet
10
8 octet
10
8 octet
•
M2CNT: defines the expected octet count on a read operation. Its value corresponds to the value of field
MSEQ:M2CNT[3:0]
The total data buffer size is 15 octets. If an M-sequence of a length greater than this is required for reception or
transmission, then the single octet access mode should be used (see Section 8.2 ).
(*)A setting of MSEQ:OD1[1:0]=00 is used for backwards compatibility. In this case M2CNT + f(OD2) defines the
length of received type 1 M-sequences.
L6364
M-sequence interpretation
DS13363 - Rev 4
page 25/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com