Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Symbol
Parameter
Min.
Typ.
Max.
Unit
VSUP
VPLUS supply voltage, IV5V0= 50 mA, (DC-DC disabled)
6
24
35
V
Minimum VPLUS (DC-DC enabled) (see Figure 15)
10.5
V
VDCDC_5V_MIN
Minimum VDCDC output voltage (VSET) for use of V5V
6.1
V
CBLK
Blocking capacitor on VPLUS
100
nF
CEMC
EMC blocking capacitor
470
pF
CV3V3
Capacitor CV3V3
1
10
μF
CV5V
Capacitor CV5V (V5V in use)
1
10
μF
CDOUT
Capacitor CDOUT
0.01
1
μF
CDCDC
Capacitor CDCDC
2.2
uF
LDCDC
Inductor LDCDC
220
uH
CQLOAD_MAX
Maximum load capacitor CQ (see Figure 21)(1)
250
nF
CDIOLOAD_MAX
Maximum load capacitor DIO (see Figure 21) (1)
250
nF
CJOINLOAD_MAX
Maximum load capacitor JOIN mode (see Figure 22) (1)
500
nF
LCQLOAD_MAX
Maximum load inductance CQ (see Figure 21)
(2)
mH
LDIOLOAD_MAX
Maximum load inductance DIO (see Figure 21)
(2)
mH
LJOINLOAD_MAX
Maximum load inductance JOIN mode (see Figure 22)
(2)
mH
1. values measured with pure capacitive load.
2. unlimited, see Section 19 for further details.
4.4
Electrical Characteristics
Electrical parameters are valid over the operating temperature and voltage range, unless otherwise stated.
Table 5. Receiver CQ/DIO
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTHH
Input threshold “H”
RF bit = 0 in
CFG register (see
Table 32. Register
map ).
10.5
13
V
VTHL
Input threshold “L”
8
11.5
V
VTHHR
Input threshold “H”
RF bit = 1 in
CFG register (see
Table 32. Register
map ).
-10%
(VVPLUS/1.8)-0.5
+10%
V
VTHLR
Input threshold “L”
-10%
(VVPLUS/1.8)+0.5
+10%
V
VHYS
Hysteresis
0.5
1
1.5
V
VIN
Input range CQ/DIO
35
VVPLUS +10
V
fBIT
Data rate
BD bit = 0 in
CFG register (see
Table 32. Register
map ).
38.4
kBaud
BD bit = 1 in
CFG register (see
Table 32. Register
map ).
230.4
kBaud
TBIT
Bit time
1/fBIT
μs
L6364
Electrical Characteristics
DS13363 - Rev 4
page 7/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com