Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 13Page - STMicroelectronics L6364 Datasheet HTML 14Page - STMicroelectronics L6364 Datasheet HTML 15Page - STMicroelectronics L6364 Datasheet HTML 16Page - STMicroelectronics L6364 Datasheet HTML 17Page - STMicroelectronics L6364 Datasheet HTML 18Page - STMicroelectronics L6364 Datasheet HTML 19Page - STMicroelectronics L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
8.1.4
IO-Link UART peripheral (Multi-octet mode) state machine
Figure 7. IO-Link UART peripheral state machine
IO-Link mode
IOListen
+do : transitions on the CQ line
are read as data and stored in the
data buffer
Notes :
Initialization
SIO mode
SIOListen
+entry : start restart timer (trestart)
+entry : HS,LS switches are off
+do
: transitions on the CQ line are read
as data, and stored in the data buffer
Notes : the L6364 has received a short
circuit via a wake-up request from the
master
Notes : the CQ line is driven
according to the setting of the
CCTL:HS and CCTL:LS bits
Valid
master
message
read
SIOActive
Short
circuit/
Wake-up
trestart
elapsed
IO-LINK mode
set by the
microcontroller
Transmit mode
Transmit
Notes :waiting for data from
microcontroller or in the process of
transmitting data on the CQ channel
Master message read
or error in reception
Transmission complete, short detected
during transmission or aborted by writing a
LINK:END command [previous state was IO-
Link mode]
Transmission
complete, short
detected during
transmission or
aborted by
writing a
LINK:END
command
[previous state
was SIO mode]
8.1.5
Interrupt handling
The L6364 signals an event to the microcontroller using the INT pin, which is intended to be configured as a level
sensitive interrupt.
L6364
Multi-octet UART mode
DS13363 - Rev 4
page 17/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com