Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fCK
Internal clock base
-10%
10
+10%
MHz
Table 6. Short-circuit and Wake-up detection
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISHORT
Set current tolerance
See Table 28
-20%
ISET
+20%
mA
tSHORT
Filter delay
-10%
14
+10%
μs
NSHORT
Number of activation
attempts/retry
SIO bit = 1 in
CCTL register (see
Table 32. Register
map ).
2
tRETRY
Retry delay
-10%
50
+10%
μs
tRESTART
Short-circuit restart time
-10%
100
+10%
ms
Figure 4. Example of Wake-up sequence timing (VCQ = green plot; ICQ = red plot; VINT = Yellow)
Table 7. POR (Power On Reset)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VPOR
POR release threshold
1.6
2
2.5
V
VHYST
POR hysteresis
0.1
V
Table 8. Output switches individual channels CQ/DIO
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RSW
Output resistance
IOUT = 100mA
5
10
Ω
VZEN
Zener voltage
IOUT = 10mA
6
10
V
IOUT = 100mA
8
V
ISAT
Saturated current
1.2
A
L6364
Electrical Characteristics
DS13363 - Rev 4
page 8/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com