Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 30Page - STMicroelectronics L6364 Datasheet HTML 31Page - STMicroelectronics L6364 Datasheet HTML 32Page - STMicroelectronics L6364 Datasheet HTML 33Page - STMicroelectronics L6364 Datasheet HTML 34Page - STMicroelectronics L6364 Datasheet HTML 35Page - STMicroelectronics L6364 Datasheet HTML 36Page - STMicroelectronics L6364 Datasheet HTML 37Page - STMicroelectronics L6364 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
15
Thermal shutdown
The STATUS:SOT status bit is a filtered version of the output of the temperature sensor. When the L6364
temperature exceeds the threshold this bit is set to '1', when the temperature is below the threshold the bit is set
to '0'. The trip threshold is determined by the set-point in register THERM:TH[4:0] as shown in Figure 12.
Figure 12. L6364 thermal shutdown configuration
0
5
10
15
20
25
30
-40
0
40
80
120
160
200
240
280
TEMPERATURE (°C)
trip threshold
θ=(80-THERM : Th[4:0]*4)*2.7
release threshold
with THERM : AUT='0'
↔ θHYST
If the trip threshold is exceeded, the output switches are disabled, the event is signaled to the microcontroller via
the status register (STATUS:SOT) and an interrupt is generated.
15.1
Automatic operation
If the THERM:AUT bit is '0' and a temperature in excess of the set point is reached, then the threshold is
automatically moved to a release threshold ΘHYST below the set point. When the temperature falls below this
release threshold, the L6364 returns to a normal operating state and returns the threshold to the original level.
L6364
Thermal shutdown
DS13363 - Rev 4
page 34/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com